Electronic Components Datasheet Search
  English  ▼

X  

MPC9315 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9315
Description  2.5V and 3.3V CMOS PLL Clock Generator and Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9315 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9315 Datasheet HTML 1Page - Renesas Technology Corp MPC9315 Datasheet HTML 2Page - Renesas Technology Corp MPC9315 Datasheet HTML 3Page - Renesas Technology Corp MPC9315 Datasheet HTML 4Page - Renesas Technology Corp MPC9315 Datasheet HTML 5Page - Renesas Technology Corp MPC9315 Datasheet HTML 6Page - Renesas Technology Corp MPC9315 Datasheet HTML 7Page - Renesas Technology Corp MPC9315 Datasheet HTML 8Page - Renesas Technology Corp MPC9315 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
©2016 Integrated Device Technology, Inc.
Revision 6, October 4, 2016
OBSOLETE
The MPC9315 is a 2.5 V and 3.3 V compatible, PLL based clock generator
designed for low-skew clock distribution in low-voltage mid-range to
high-performance telecom, networking and computing applications. The
MPC9315 offers 8 low-skew outputs and 2 selectable inputs for clock
redundancy. The outputs are configurable and support 1:1, 2:1, 4:1, 1:2 and 1:4
output to input frequency ratios. In addition, a selectable output 180
 phase
control supports advanced clocking schemes with inverted clock signals. The
MPC9315 is specified for the extended temperature range of –40 to +85
C.
Features
•
Configurable 8 Outputs LVCMOS PLL Clock Generator
•
Compatible to Various Microprocessors Such As PowerQUICC I and II
•
Wide Range Output Clock Frequency of 18.75 to 160 MHz
•
2.5 V and 3.3 V CMOS Compatible
•
Designed for Mid-Range to High-Performance Telecom, Networking and
Computer Applications
•
Fully Integrated PLL Supports Spread Spectrum Clocking
•
Supports Applications Requiring Clock Redundancy
•
Max. Output Skew of 120 ps (80 ps Within One Bank)
•
Selectable Output Configurations (1:1, 2:1, 4:1, 1:2, 1:4 Frequency Ratios)
•
Two Selectable LVCMOS Clock Inputs
•
External PLL Feedback Path and Selectable Feedback Configuration
•
Tristable Outputs
•
32-Lead LQFP Package
•
Ambient Operating Temperature Range of -40 to +85
C
•
32-Lead Pb-Free Package
Functional Description
The MPC9315 utilizes PLL technology to frequency and phase lock its outputs onto an input reference clock. Normal operation
requires a connection of one of the device outputs to the selected feedback (FB0 or FB1) input to close the PLL feedback path.
The reference clock frequency and the output divider for the feedback path determine the VCO frequency. Both must be selected
to match the VCO frequency range. With available output dividers of divide-by-1, divide-by-2 and divide-by-4, the internal VCO
of the MPC9315 is running at either 1x, 2x or 4x of the reference clock frequency. The frequency of the QA, QB, QC output groups
is either the equal, one half or one fourth of the selected VCO frequency and can be configured for each output bank using the
FSELA, FSELB and FSELC pins, respectively. The available output to input frequency ratios are 4:1, 2:1, 1:1, 1:2 and 1:4. The
REF_SEL pin selects one of the two available LVCMOS compatible reference input (CLK0 and CLK1) supporting clock redundant
applications. The selectable feedback input pin allows the user to select different feedback configurations and input to output
frequency ratios. The MPC9315 also provides a static test mode when the PLL supply pin (VCCA) is pulled to logic low state
(GND). In test mode, the selected input reference clock is routed directly to the output dividers bypassing the PLL. The test mode
is intended for system diagnostics, test and debug purposes. This test mode is fully static and the minimum clock frequency spec-
ification does not apply. The outputs can be disabled by deasserting the OE pin (logic high state). In PLL mode, deasserting OE
causes the PLL to lose lock due to no feedback signal presence at FB0 or FB1. Asserting OE will enable the outputs and close
the phase locked loop, also enabling the PLL to recover to normal operation. The MPC9315 is fully 2.5 V and 3.3 V compatible
and requires no external loop filter components. All inputs accept LVCMOS signals while the outputs provide LVCMOS compat-
ible levels with the capability to drive terminated 50
 transmission lines. For series terminated transmission lines, each of the
MPC9315 outputs can drive one or two traces giving the devices an effective fanout of 1:18. The device is packaged in a 7x7 mm2
32-lead LQFP package.
The fully integrated PLL of the MPC9315 allows the low skew outputs to lock onto a clock input and distribute it with essentially
zero propagation delay to multiple components on the board. In zero-delay buffer mode, the PLL minimizes phase offset between
the outputs and the reference signal.
MPC9315
LOW VOLTAGE
2.5 V AND 3.3 V PLL
CLOCK GENERATOR
AC SUFFIX
32-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-04
OBSOLETE
2.5V and 3.3V CMOS PLL
Clock Generator and Driver
MPC9315


Similar Part No. - MPC9315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
MPC9315FA MOTOROLA-MPC9315FA Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
More results

Similar Description - MPC9315

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
OKI electronic componet...
MSM82C84A-2RS OKI-MSM82C84A-2RS Datasheet
164Kb / 18P
CLOCK GENERATOR AND DRIVER
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
-2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Motorola, Inc
MPC9330 MOTOROLA-MPC9330 Datasheet
225Kb / 16P
3.3V / 2.5V 1:6 LVCMOS PLL CLOCK GENERATOR
logo
Intel Corporation
M8284A INTEL-M8284A Datasheet
473Kb / 8P
CLOCK GENERATOR AND DRIVER
logo
Exar Corporation
XRK39351 EXAR-XRK39351 Datasheet
269Kb / 10P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Motorola, Inc
MPC9315 MOTOROLA-MPC9315 Datasheet
183Kb / 16P
2.5V and 3.3V CMOS PLL Clock Generator and Driver
logo
Exar Corporation
XRK39351_0611 EXAR-XRK39351_0611 Datasheet
293Kb / 12P
3.3V OR 2.5V, 9-OUTPUT PLL CLOCK DRIVER
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9600AE IDT-MPC9600AE Datasheet
384Kb / 15P
Low Voltage, 2.5V and 3.3V LVCMOS PLL Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com