Electronic Components Datasheet Search
  English  ▼

X  

MPC9351 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9351
Description  Low Voltage PLL Clock Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9351 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9351 Datasheet HTML 1Page - Renesas Technology Corp MPC9351 Datasheet HTML 2Page - Renesas Technology Corp MPC9351 Datasheet HTML 3Page - Renesas Technology Corp MPC9351 Datasheet HTML 4Page - Renesas Technology Corp MPC9351 Datasheet HTML 5Page - Renesas Technology Corp MPC9351 Datasheet HTML 6Page - Renesas Technology Corp MPC9351 Datasheet HTML 7Page - Renesas Technology Corp MPC9351 Datasheet HTML 8Page - Renesas Technology Corp MPC9351 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LOW VOLTAGE PLL CLOCK DRIVER
2
REVISION 7 3/14/16
MPC9351 DATA SHEET
Figure 1. MPC9351 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
D
Q
PLL
(Pulldown)
EXT_FB
FSELA
QA
REF_SEL
0
1
(Pullup)
Ref
FB
200 – 400 MHz
2
4
8
QB
0
1
0
1
0
1
FSELB
FSELC
(Pulldown)
(Pulldown)
(Pullup)
(Pulldown)
PLL_EN
FSELD
D
Q
QC1
0
1
D
Q
QC0
QD2
0
1
D
Q
QD1
QD0
QD4
QD3
(Pulldown)
(Pulldown)
(Pulldown)
(Pulldown)
TCLK
PCLK
OE
PCLK
The MPC9351 requires an external RC filter for the analog power supply pin VCCA. Please see application section for details.
GND
QB
VCCO
QA
GND
TCLK
PLL_EN
QD2
VCCO
QD3
GND
QD4
VCCO
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12345678
24
23
22
21
20
19
18
17
16
MPC9351
REF_SEL
OE
PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com