Electronic Components Datasheet Search
  English  ▼

X  

MPC940L Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC940L Datasheet(HTML) 4 Page - Renesas Technology Corp

  MPC940L Datasheet HTML 1Page - Renesas Technology Corp MPC940L Datasheet HTML 2Page - Renesas Technology Corp MPC940L Datasheet HTML 3Page - Renesas Technology Corp MPC940L Datasheet HTML 4Page - Renesas Technology Corp MPC940L Datasheet HTML 5Page - Renesas Technology Corp MPC940L Datasheet HTML 6Page - Renesas Technology Corp MPC940L Datasheet HTML 7Page - Renesas Technology Corp MPC940L Datasheet HTML 8Page - Renesas Technology Corp MPC940L Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MPC940L Datasheet
4
©2016 Integrated Device Technology, Inc.
Revision 9, October 4, 2016
OBSOLETE
Table 5. DC Characteristics (TA = 0 to 70C, VCCI = 3.3 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
CMOS_CLK
2.4
VCCI
V
VIL
Input LOW Voltage
CMOS_CLK
0.8
V
VPP
Peak-to-Peak Input Voltage
PECL_CLK
500
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCCI – 1.4
VCCI – 0.6
V
VOH
Output HIGH Voltage
1.8
V
IOH = –12 mA
VOL
Output LOW Voltage
0.5
V
IOL = 12 mA
IIN
Input Current
200
A
CIN
Input Capacitance
4.0
pF
Cpd
Power Dissipation Capacitance
10
pF
per output
ZOUT
Output Impedance
23
ICC
Maximum Quiescent Supply Current
0.5
1.0
mA
Table 6. AC Characteristics (TA = 0 to 70C, VCCI = 3.3 V ±5%; VCCO = 2.5 V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
250
MHz
tPLH
Propagation Delay
PECL_CLK
 150 MHz
CMOS_CLK
 150 MHz
2.0
1.7
2.8
2.5
3.5
3.0
ns
tPLH
Propagation Delay
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
2.0
1.8
2.9
2.5
3.8
3.3
ns
tsk(o)
Output-to-Output Skew
PECL_CLK
CMOS_CLK
150
150
ps
tsk(pp)
Part-to-Part Skew
PECL_CLK
 150 MHz
CMOS_CLK
 150 MHz
1.5
1.3
ns
Note (1)
1. Across temperature and voltage ranges. Includes output skew.
tsk(pp)
Part-to-Part Skew
PECL_CLK > 150 MHz
CMOS_CLK > 150 MHz
1.8
1.5
ns
Note (1)
tsk(pp)
Part-to-Part Skew
PECL_CLK
CMOS_CLK
850
750
ps
Note (2)
2. For specific temperature and voltage. Includes output skew.
DC
Output Duty Cycle
fCLK < 134 MHz
fCLK  250 MHz
45
40
50
50
55
60
%
%
Input DC = 50%
Input DC = 50%
tr, tf
Output Rise/Fall Time
0.3
1.2
ns
0.5 – 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com