Electronic Components Datasheet Search
  English  ▼

X  

MPC942C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC942C
Description  Low Voltage, 1:18 Clock Distribution Chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC942C Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC942C Datasheet HTML 1Page - Renesas Technology Corp MPC942C Datasheet HTML 2Page - Renesas Technology Corp MPC942C Datasheet HTML 3Page - Renesas Technology Corp MPC942C Datasheet HTML 4Page - Renesas Technology Corp MPC942C Datasheet HTML 5Page - Renesas Technology Corp MPC942C Datasheet HTML 6Page - Renesas Technology Corp MPC942C Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET
Low Voltage, 1:18 Clock Distribution Chip
MPC942C
1
©2016 Integrated Device Technology, Inc.
Revision 3, October 4, 2016
OBSOLETE
The MPC942 is a 1:18 low voltage clock distribution chip with 2.5V or 3.3V LVCMOS
output capabilities. The device is offered in two versions; the MPC942C has an LVCMOS
input clock while the MPC942P has a LVPECL input clock. The 18 outputs are 2.5V or
3.3V LVCMOS compatible and feature the drive strength to drive 50
 series or parallel
terminated transmission lines. With output-to-output skews of 200ps, the MPC942 is ideal
as a clock distribution chip for the most demanding of synchronous systems. The 2.5V
outputs also make the device ideal for supplying clocks for a high performance Pentium
II
 microprocessor based design.
•
LVCMOS/LVTTL Clock Input
•
2.5V LVCMOS Outputs for Pentium II Microprocessor Support
•
150ps Maximum Targeted Output-to-Output Skew
•
Maximum Output Frequency of 250MHz @ 3.3 VCC
•
32-Lead TQFP Packaging
•
Single 3.3V or 2.5V Supply
•
For Functional replacement use 83940DYLF
With a low output impedance (
12), in both the HIGH and LOW logic states, the output
buffers of the MPC942 are ideal for driving series terminated transmission lines. With an
output impedance of 12
 the MPC942 can drive two series terminated transmission lines
from each output. This capability gives the MPC942 an effective fanout of 1:36. The
MPC942 provides enough copies of low skew clocks for most high performance synchronous systems.
The LVCMOS/LVTTL input of the MPC942C provides a more standard LVCMOS interface. The OE pins will place the outputs into a
high impedance state. The OE pin has an internal pullup resistor.
The MPC942 is a single supply device. The VCC power pins require either 2.5V or 3.3V. The 32-lead TQFP package was chosen to
optimize performance, board space and cost of the device. The 32-lead TQFP has a 7x7mm body size with a conservative 0.8mm pin
spacing.
Pentium II is a trademark of Intel Corporation.
MPC942C
LOW VOLTAGE
1:18 CLOCK
DISTRIBUTION CHIP
AC SUFFIX
32-LEAD TQFP PACKAGE
Pb-FREE PACKAGE
CASE 873A-03
OBSOLETE


Similar Part No. - MPC942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results

Similar Description - MPC942C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com