Electronic Components Datasheet Search
  English  ▼

X  

MPC9443 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9443
Description  2.5V, 3.3V LVCMOS Clock Fanout Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9443 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9443 Datasheet HTML 1Page - Renesas Technology Corp MPC9443 Datasheet HTML 2Page - Renesas Technology Corp MPC9443 Datasheet HTML 3Page - Renesas Technology Corp MPC9443 Datasheet HTML 4Page - Renesas Technology Corp MPC9443 Datasheet HTML 5Page - Renesas Technology Corp MPC9443 Datasheet HTML 6Page - Renesas Technology Corp MPC9443 Datasheet HTML 7Page - Renesas Technology Corp MPC9443 Datasheet HTML 8Page - Renesas Technology Corp MPC9443 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
2.5V, 3.3V LVCMOS Clock Fanout Buffer
MPC9443
MPC9443 REVISION 6 3/14/16
1
©2016 Integrated Device Technology, Inc.
The Freescale Semiconductor, Inc. MPC9443 is a 2.5 V and 3.3 V compatible 1:16
clock distribution buffer designed for low-voltage high-performance telecom, networking
and computing applications. The device supports 3.3 V, 2.5 V and dual supply voltage
(mixed-voltage) applications. The MPC9443 offers 16 low-skew outputs which are divided
into 4 individually configurable banks. Each output bank can be individually supplied by
2.5 V or 3.3 V, individually set to run at 1X or 1/2X of the input clock frequency or be
disabled (logic low output state). Two selectable LVPECL compatible inputs support
differential clock distribution systems. In addition, one selectable LVCMOS input is
provided for LVCMOS clock distribution systems. The MPC9443 is specified for the
extended temperature range of –40 to +85°C.
Features
•
Configurable 16 outputs LVCMOS clock distribution buffer
•
Compatible to single, dual and mixed 3.3 V / 2.5 V voltage supply
•
Output clock frequency up to 350 MHz
•
Designed for high-performance telecom, networking and computer applications
•
Supports applications requiring clock redundancy
•
Maximum output skew of 250 ps (125 ps within one bank)
•
Selectable output configurations per output bank
•
Individually per-bank high-impedance tristate
•
Output disable (stop in logic low state) control
•
48-lead LQFP package, Pb-free
•
Ambient operating temperature range of –40 to 85°C
•
For functional replacement part use 87016i
Functional Description
The MPC9443 is a full static design supporting clock frequencies up to 350 MHz. The signals are generated and retimed on-chip to
ensure minimal skew between the four output banks.
Two independent LVPECL compatible clock inputs are available. This feature supports redundant differential clock sources. In addition,
the MPC9443 supports single-ended LVCMOS clock distribution systems. Each of the four output banks can be individually supplied by
2.5 V or 3.3 V, supporting mixed voltage applications. The FSELx pins choose between division of the input reference frequency by one
or two. The frequency divider can be set individually for each output bank. The MPC9443 output banks are in high-impedance state by
deasserting the OEN pins. Asserting OEN will the enable output banks. Please see Table 4. Output High-Impedance Control (OEN) for
details. The outputs can be synchronously stopped (logic low state). The outputs provide LVCMOS compatible levels with the capability
to drive terminated 50
 transmission lines. For series terminated transmission lines, each of the MPC9443 outputs can drive one or two
traces giving the devices an effective fanout of 1:32 at VCC = 3.3 V. The device is packaged in a 7x7 mm
2 48-lead LQFP package.
MPC9443
LOW VOLTAGE SUPPLY
2.5 V AND 3.3 V LVCMOS
CLOCK FANOUT BUFFER
AE SUFFIX
48-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 932-03
SCALE 2:1
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9443

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
More results

Similar Description - MPC9443

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9448 MOTOROLA-MPC9448 Datasheet
263Kb / 12P
3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
2.5V and 3.3V LVCMOS Clock Fanout Buffer
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
MPC9447 RENESAS-MPC9447 Datasheet
325Kb / 12P
3.3V, 2.5V, 1:9 LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com