Electronic Components Datasheet Search
  English  ▼

X  

MPC9446 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9446
Description  3.3V and 2.5V, LVCMOS Clock Fanout Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9446 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9446 Datasheet HTML 1Page - Renesas Technology Corp MPC9446 Datasheet HTML 2Page - Renesas Technology Corp MPC9446 Datasheet HTML 3Page - Renesas Technology Corp MPC9446 Datasheet HTML 4Page - Renesas Technology Corp MPC9446 Datasheet HTML 5Page - Renesas Technology Corp MPC9446 Datasheet HTML 6Page - Renesas Technology Corp MPC9446 Datasheet HTML 7Page - Renesas Technology Corp MPC9446 Datasheet HTML 8Page - Renesas Technology Corp MPC9446 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
REVISION 5 3/14/16
2
©2016 INTEGRATED DEVICE TECHNOLOGY, INC.
MPC9446 DATA SHEET
Figure 1. MPC9446 Logic Diagram
Figure 2. Pinout: 32-Lead Package Pinout (Top View)
0
1
0
1
0
1
0
1
CLK
 2
CLK
MR/OE
CCLK0
CCLK1
FSELA
FSELB
FSELC
CCLK_SEL
QA0
QA1
QA2
QB0
QB1
QB2
QC0
QC1
QC2
QC3
Bank A
Bank B
Bank C
25k
25k
25k
25k
25k
25k
25k
VCC
VCC
VCCA
QA2
GND
QA1
VCCA
QA0
GND
QC3
GND
QC2
VCCC
QC1
GND
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
78
24
23
22
21
20
19
18
17
16
MPC9446
VCCB is internally connected to VCC
QC0
VCCC
MR/OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com