Electronic Components Datasheet Search
  English  ▼

X  

MPC9449 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # MPC9449
Description  3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9449 Datasheet(HTML) 1 Page - Renesas Technology Corp

  MPC9449 Datasheet HTML 1Page - Renesas Technology Corp MPC9449 Datasheet HTML 2Page - Renesas Technology Corp MPC9449 Datasheet HTML 3Page - Renesas Technology Corp MPC9449 Datasheet HTML 4Page - Renesas Technology Corp MPC9449 Datasheet HTML 5Page - Renesas Technology Corp MPC9449 Datasheet HTML 6Page - Renesas Technology Corp MPC9449 Datasheet HTML 7Page - Renesas Technology Corp MPC9449 Datasheet HTML 8Page - Renesas Technology Corp MPC9449 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock
Fanout Buffer
MPC9449
MPC9449 REVISION 6 MARCH 15, 2016
1
©2016 Integrated Device Technology, Inc.
The MPC9449 is a 3.3 V or 2.5 V compatible, 1:15 clock fanout buffer targeted
for high performance clock tree applications. With output frequencies up to
200 MHz and output skews less than 200 ps the device meets the needs of the
most demanding clock applications.
Features
•
15 LVCMOS compatible clock outputs
•
Two selectable LVCMOS and one differential LVPECL compatible clock
inputs
•
Selectable output frequency divider (divide-by-one and divide-by-two)
•
Maximum clock frequency of 200 MHz
•
Maximum clock skew of 200 ps
•
High-impedance output control
•
3.3 V or 2.5 V power supply
•
Drives up to 30 series terminated clock lines
•
Ambient temperature range –40
C to +85C
•
52-lead LQFP packaging, Pb-free
•
Supports clock distribution in networking, telecommunication and computing
applications
•
Pin and function compatible to MPC949
•
For functional replacement use 8T49N285A
Functional Description
The MPC9449 is specifically designed to distribute LVCMOS compatible clock
signals up to a frequency of 200 MHz. The device has 15 identical outputs,
organized in four output banks. Each output bank provides a retimed or
frequency divided copy of the input signal with a near zero skew. The output
buffer supports driving of 50
 terminated transmission lines on the incident edge: each output is capable of driving either one
parallel terminated or two series terminated transmission lines.
Two selectable LVCMOS compatible clock inputs are available. This feature supports redundant differential clock sources. In
addition, the MPC9449 accepts one differential PECL clock signal. The DSELx pins choose between division of the input
reference frequency by one or two. The frequency divider can be set individually for each of the four output banks. Applying the
OE control will force the outputs into high-impedance mode.
All inputs have an internal pull-up or pull-down resistor preventing unused and open inputs from floating. The device supports
a 2.5 V or 3.3 V power supply and an ambient temperature range of –40
C to +85C. The MPC9449 is pin and function
compatible but performance-enhanced to the MPC949. The device is packaged in a 52-lead LQFP package.
3.5 V/2.5 V 1:15
PECL/LVCMOS
CLOCK FANOUT BUFFER
AE SUFFIX
52-LEAD LQFP PACKAGE
Pb-FREE PACKAGE
CASE 848D-03
PRODUCT DISCONTINUATION NOTICE - LAST TIME BUY EXPIRES SEPTEMBER 7, 2016


Similar Part No. - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9449 MOTOROLA-MPC9449 Datasheet
293Kb / 12P
3.3V / 2.5 V 1:15 PECL/LVCMOS
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
More results

Similar Description - MPC9449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9449 MOTOROLA-MPC9449 Datasheet
293Kb / 12P
3.3V / 2.5 V 1:15 PECL/LVCMOS
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
NXP Semiconductors
PCK9447 PHILIPS-PCK9447 Datasheet
92Kb / 17P
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
Rev. 01-13 October 2005
logo
Texas Instruments
SN65LVEP11 TI-SN65LVEP11 Datasheet
273Kb / 10P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11 TI-SN65LVEP11_10 Datasheet
405Kb / 12P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
SN65LVEP11_101 TI-SN65LVEP11_101 Datasheet
454Kb / 13P
2.5 V/3.3 V PECL/ECL 1:2 Fanout Buffer
logo
Integrated Device Techn...
MPC9449 IDT-MPC9449 Datasheet
358Kb / 11P
3.3 V/2.5 V 1:15 PECL/LVCMOS Clock Fanout Buffer High-impedance output control
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9448 RENESAS-MPC9448 Datasheet
393Kb / 14P
3.3 V/2.5 V LVCMOS 1:12 Clock Fanout Buffer
2019
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com