Electronic Components Datasheet Search
  English  ▼

X  

EPT7084G Datasheet(PDF) 2 Page - PCA ELECTRONICS INC.

Part # EPT7084G
Description  Token Ring Transceiver Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7084G Datasheet(HTML) 2 Page - PCA ELECTRONICS INC.

  EPT7084G Datasheet HTML 1Page - PCA ELECTRONICS INC. EPT7084G Datasheet HTML 2Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specifications @ 25 °C (Filter Only)
QAF-CSO7z 8/10/94
DST7084G-1 Rev. - 9/16/96
Token Ring Transceiver Module
Parameter
Specifications
Frequency
Xmit
Rcv
Unit
Insertion Loss
1 MHz
4 MHz
8 MHz
16 MHz
24 MHz
30 MHz
32 MHz
36 MHz
44 MHz
48 MHz
75 MHz
100 MHz
dB Max.
dB Max.
dB Max.
dB Max.
dB Max.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
Vrms
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
dB Min.
nS
nS
nS
nS
nS
0.5
0.5
0.5
0.5
0.5
0.5
0.8
0.5
1.7
1.0
7.0
25
30
30
25
25
-----
-----
-----
-----
-----
-----
-----
-----
Differential Phase Delay
2-4 MHz
0.0 Min.
0.7 Max.
Return Loss
1-6 MHz
6-17 MHz
17-24 MHz
14
23
12
20
8
17
CMMR
1 MHz
5 MHz
20 MHz
70 MHz
200 MHz
45
30
30
20
20
Hipot
500 for 1 min. (TX to RX)
Crosstalk
1 MHz
4 MHz
10 MHz
16 MHz
25 MHz
100 KHz
500 KHz
1 MHz
4 MHz
10 MHz
30 MHz
100 MHz
Common to Differential
Mode Rejection
dB Min.
60
50
45
40
38
65
65
60
50
40
30
25
(Between Adjacent Channels)
-0.4 Min.
0.3 Max.
0.5 Min. 1.25 Max.
2.5 Min.
4.8 Max.
4.3 Min.
9.5 Max.
8-4 MHz
8-16 MHz
8-24 MHz
8-28 MHz
(Transmit Filter Only)
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com