Electronic Components Datasheet Search
  English  ▼

X  

BAV100 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV100
Description  General purpose diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV100 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV100 Datasheet HTML 1Page - NXP Semiconductors BAV100 Datasheet HTML 2Page - NXP Semiconductors BAV100 Datasheet HTML 3Page - NXP Semiconductors BAV100 Datasheet HTML 4Page - NXP Semiconductors BAV100 Datasheet HTML 5Page - NXP Semiconductors BAV100 Datasheet HTML 6Page - NXP Semiconductors BAV100 Datasheet HTML 7Page - NXP Semiconductors BAV100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Sep 17
2
Philips Semiconductors
Product specification
General purpose diodes
BAV100 to BAV103
FEATURES
• Small hermetically sealed glass
SMD package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
max. 50 V, 100 V, 150 V and 200 V
respectively
• Repetitive peak reverse voltage:
max. 60 V, 120 V, 200 V and 250 V
respectively
• Repetitive peak forward current:
max. 625 mA.
APPLICATIONS
• Switching in industrial equipment
e.g. oscilloscopes, digital
voltmeters and video output stages
in colour television.
DESCRIPTION
The BAV100 to BAV103 are switching diodes fabricated in planar technology,
and encapsulated in small hermetically sealed glass SOD80C SMD packages.
Fig.1 Simplified outline (SOD80C) and symbol.
Cathode indicated by green band.
handbook, 4 columns
MAM061
ka



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com