Electronic Components Datasheet Search
  English  ▼

X  

APR34309 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # APR34309
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34309 Datasheet(HTML) 5 Page - Diodes Incorporated

  APR34309 Datasheet HTML 1Page - Diodes Incorporated APR34309 Datasheet HTML 2Page - Diodes Incorporated APR34309 Datasheet HTML 3Page - Diodes Incorporated APR34309 Datasheet HTML 4Page - Diodes Incorporated APR34309 Datasheet HTML 5Page - Diodes Incorporated APR34309 Datasheet HTML 6Page - Diodes Incorporated APR34309 Datasheet HTML 7Page - Diodes Incorporated APR34309 Datasheet HTML 8Page - Diodes Incorporated APR34309 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
APR34309/A
Document number: DS37412 Rev. 3 - 2
5 of 12
www.diodes.com
June 2015
© Diodes Incorporated
APR34309/A
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA =+25°C, unless otherwise specified. Cont.)
MOSFET Static Characteristics
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Drain to Source Breakdown
Voltage
VDSS(BR)
VGS=0V, ID=0.25mA
50
–
100
V
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=0.25mA
0.7
1.3
2
V
Zero Gate Voltage Drain
Current
IDSS
VDS=50V, VGS=0V
–
–
1
μA
Gate to Source Leakage
Current
IGSS
VGS=10V, VDS=0V
–
–
100
nA
Drain to Source On-state
Resistance
RDS(ON)
VGS=4.5V, ID=3A
–
8
–
m
Ω
MOSFET Dynamic Characteristics
APR34309A
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Input Capacitance
Ciss
VGS=0V, VDS=25V, f=1MHz
–
4149
–
pF
Output Capacitance
Coss
–
206
–
Reverse Transfer Capacitance
Crss
–
159
–
Gate to Source Charge
Qgs
VGS=0V to 10V, VDD=25V,
ID=15A
–
10.3
–
nC
Gate to Drain Charge
(Miller Charger)
Qgd
–
8.4
–
Total Gate Charge
Qg
VGS=4.5V
–
39
–
Gate Resistance
Rg
–
–
1.8
–
Ω
APR34309
Parameters
Symbol
Conditions
Min
Typ
Max
Unit
Input Capacitance
Ciss
VGS=0V, VDS=25V, f=1MHz
–
1872
–
pF
Output Capacitance
Coss
–
506
–
Reverse Transfer Capacitance
Crss
–
43
–
Gate to Source Charge
Qgs
VGS=0V to 10V, VDD=25V,
ID=15A
–
3.1
–
nC
Gate to Drain Charge
(Miller Charger)
Qgd
–
4.8
–
Total Gate Charge
Qg
VGS=4.5V
–
15
–
Gate Resistance
Rg
–
–
1.8
–
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com