Electronic Components Datasheet Search
  English  ▼

X  

AS2376 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AS2376
Description  LOW-NOISE, LOW QUIESCENT CURRENT, PRECISION OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS2376 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AS2376 Datasheet HTML 2Page - Diodes Incorporated AS2376 Datasheet HTML 3Page - Diodes Incorporated AS2376 Datasheet HTML 4Page - Diodes Incorporated AS2376 Datasheet HTML 5Page - Diodes Incorporated AS2376 Datasheet HTML 6Page - Diodes Incorporated AS2376 Datasheet HTML 7Page - Diodes Incorporated AS2376 Datasheet HTML 8Page - Diodes Incorporated AS2376 Datasheet HTML 9Page - Diodes Incorporated AS2376 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AS2376
Document number: DS45193 Rev. 1 - 2
6 of 13
www.diodes.com
September 2022
© Diodes Incorporated
AS2376
Performance Characteristics
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-50
-40
-30
-20
-10
0
10
20
30
40
50
VCM = VCC / 2
Offset Voltage vs Supply Voltage
Supply Voltage(V)
TA = -40C
TA = +25C
TA = +125C
-2
-1
0
1
2
-50
-40
-30
-20
-10
0
10
20
30
40
50
Offset Voltage vs Common-Mode Voltage
VCC = 2.5V
Input Common Mode Voltage(V)
TA = -40C
TA = +25C
TA = +125C
-40
-20
0
20
40
60
80
100
120
140
-50
-40
-30
-20
-10
0
10
20
30
40
50
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Temperature(C)
Offset Voltage vs Temperature
VCM = VCC / 2
-50
-25
0
25
50
75
100
125
0
100
200
300
400
500
600
700
800
900
1000
VCC = 5V,
VIN+ = VIN- = VCC/2
Input Bias Current
Input Offset Current
Temperature(C)
Input Bias Current vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.4
0.5
0.6
0.7
0.8
TA = -40C
TA = +25C
TA = +125C
Supply Voltage(V)
Unity Gain, VIN+ = VCC / 2
No Load, per Amplifier
Quiescent Current vs Supply Current
-40
-20
0
20
40
60
80
100
120
140
0.60
0.61
0.62
0.63
0.64
0.65
0.66
0.67
0.68
Unity Gain, VIN+ = VCC / 2
No Load, per Amplifier
VCC = 2.5V
VCC = 3.3V
VCC = 5V
Temperature(C)
Quiescent Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com