Electronic Components Datasheet Search
  English  ▼

X  

AS393 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS393 Datasheet(HTML) 4 Page - Diodes Incorporated

  AS393 Datasheet HTML 1Page - Diodes Incorporated AS393 Datasheet HTML 2Page - Diodes Incorporated AS393 Datasheet HTML 3Page - Diodes Incorporated AS393 Datasheet HTML 4Page - Diodes Incorporated AS393 Datasheet HTML 5Page - Diodes Incorporated AS393 Datasheet HTML 6Page - Diodes Incorporated AS393 Datasheet HTML 7Page - Diodes Incorporated AS393 Datasheet HTML 8Page - Diodes Incorporated AS393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AS393/393A
Document number: DS40539 Rev. 3 - 2
4 of 14
www.diodes.com
September 2018
© Diodes Incorporated
AS393/393A
Performance Characteristics
Supply Voltage vs. Supply Current
Supply Voltage vs. Input Bias Current
Output Sink Current vs. Saturation Voltage
Response Time for 5mV Input Overdrive
Negative Transition
Response Time for 5mV Input Overdrive
Positive Transition
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Supply Voltage (V)
Ta=-40
oC
Ta=0
oC
Ta=25
oC
Ta=70
oC
Ta=85
oC
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage (V)
-40
oC
0
oC
25
oC
70
oC
85
oC
10m
100m
1
10
100
1E-3
0.01
0.1
1
10
I
O
-Output Sink Current (mA)
85
oC
70
oC
25
oC
-40
oC
6
4
2
0
-50
-100
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
5
0
100
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Time (µs)
Time (µs)
VIN
VCC
5.1K
VOUT
+
_
VIN
VCC
5.1K
VOUT
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com