Electronic Components Datasheet Search
  English  ▼

X  

AZV321 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AZV321
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV321 Datasheet(HTML) 2 Page - Diodes Incorporated

  AZV321 Datasheet HTML 1Page - Diodes Incorporated AZV321 Datasheet HTML 2Page - Diodes Incorporated AZV321 Datasheet HTML 3Page - Diodes Incorporated AZV321 Datasheet HTML 4Page - Diodes Incorporated AZV321 Datasheet HTML 5Page - Diodes Incorporated AZV321 Datasheet HTML 6Page - Diodes Incorporated AZV321 Datasheet HTML 7Page - Diodes Incorporated AZV321 Datasheet HTML 8Page - Diodes Incorporated AZV321 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AZV321
Document number: DS36528 Rev. 2 - 0
2 of 13
www.diodes.com
September 2013
© Diodes Incorporated
AZV321
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
6
V
TJ
Operation Junction Temperature
150
ºC
TSTG
Storage Temperature Range
-65 to 150
ºC
TLEAD
Lead Temperature (Soldering, 10 Seconds)
260
ºC
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating
Conditions” is not implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2.7
5.5
V
TA
Ambient Operating Temperature Range
-40
85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com