Electronic Components Datasheet Search
  English  ▼

X  

CMB1304 Datasheet(PDF) 1 Page - Cree LED

Part # CMB1304
Description  XLamp® CMB1304 Pro9™ LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1304 Datasheet(HTML) 1 Page - Cree LED

  CMB1304 Datasheet HTML 1Page - Cree LED CMB1304 Datasheet HTML 2Page - Cree LED CMB1304 Datasheet HTML 3Page - Cree LED CMB1304 Datasheet HTML 4Page - Cree LED CMB1304 Datasheet HTML 5Page - Cree LED CMB1304 Datasheet HTML 6Page - Cree LED CMB1304 Datasheet HTML 7Page - Cree LED CMB1304 Datasheet HTML 8Page - Cree LED CMB1304 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED
logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS312
REV 1
1
XLamp® CMB1304 Pro9™ LED
PRODUCT DESCRIPTION
The XLamp® CMB family delivers industry-leading lumen density
and efficacy in Cree LED’s package and LES sizes. Leveraging
the latest COB technology platform, the CMB family provides a
no-compromise performance upgrade to existing CXA, CXB and
CMA product families while retaining mechanical and optical
compatibility with them.
Pro9™ version LEDs deliver up to 15% higher efficacy for 90 and
95 color rendering index (CRI) over standard version LEDs without
sacrificing color rendering quality. Pro9 LEDs feature the industry’s
highest operating temperature rating of 105  °C and the same
maximum current as the standard versions. In addition, all Pro9
LEDs share the same mechanical and electrical characteristics as
the standard versions.
XLamp CMB LEDs are optimized for premium indoor lighting
applications, including track, spot and downlight, as well as
outdoor lighting.
FEATURES
• 6-mm optical source
• Mechanical and optical design consistent with CXA13 and
CXB13 LEDs
• EasyWhite® 2- and 3-step binning
• Premium Color 2- and 3-step binning
• Available in 90 and 95 CRI minimum options
• Forward voltage options: 9-V class, 18-V class & 36-V class
• 85 °C binning and characterization
• Maximum drive current: 1200 mA (9 V), 600 mA (18 V),
300 mA (36 V)
• 115° viewing angle, uniform chromaticity profile
• Top-side solder connections
• RoHS and REACH compliant
• UL® recognized component (E349212)


Similar Part No. - CMB1304

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1304-0000-000C0B0A30E CREELED-CMB1304-0000-000C0B0A30E Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1304-0000-000C0B0A40E CREELED-CMB1304-0000-000C0B0A40E Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1304-0000-000C0B0A50E CREELED-CMB1304-0000-000C0B0A50E Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMB1304-0000-000C0B0A57E CREELED-CMB1304-0000-000C0B0A57E Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
More results

Similar Description - CMB1304

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMB1304 CREELED-CMB1304 Datasheet
1Mb / 31P
XLamp® CMB1304 LED
REV 0
CMU1010 CREELED-CMU1010 Datasheet
1Mb / 18P
XLamp® CMU1010 Pro9™ LED
REV 1
CMU1519 CREELED-CMU1519 Datasheet
1Mb / 18P
XLamp® CMU1519 Pro9™ LED
REV 1
CMU2239 CREELED-CMU2239 Datasheet
1Mb / 18P
XLamp® CMU2239 Pro9™ LED
REV 1
CHA0410-PRO9 CREELED-CHA0410-PRO9 Datasheet
1Mb / 23P
XLamp® CHA0410 Pro9™ LED
REV 1
CHA0825-PRO9 CREELED-CHA0825-PRO9 Datasheet
1Mb / 18P
XLamp® CHA0825 Pro9™ LED
REV 1
CMB1306-PRO9 CREELED-CMB1306-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1507-PRO9 CREELED-CMB1507-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1507 Pro9™ LED
REV 1
CMB1516-PRO9 CREELED-CMB1516-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1516 Pro9™ LED
REV 1
CMB1818-PRO9 CREELED-CMB1818-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1818 Pro9™ LED
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com