Electronic Components Datasheet Search
  English  ▼

X  

CMB1306 Datasheet(PDF) 6 Page - Cree LED

Part # CMB1306
Description  XLamp® CMB1306 Pro9™ LED
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1306 Datasheet(HTML) 6 Page - Cree LED

Back Button CMB1306 Datasheet HTML 2Page - Cree LED CMB1306 Datasheet HTML 3Page - Cree LED CMB1306 Datasheet HTML 4Page - Cree LED CMB1306 Datasheet HTML 5Page - Cree LED CMB1306 Datasheet HTML 6Page - Cree LED CMB1306 Datasheet HTML 7Page - Cree LED CMB1306 Datasheet HTML 8Page - Cree LED CMB1306 Datasheet HTML 9Page - Cree LED CMB1306 Datasheet HTML 10Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
XLAMP® CMB1306 PRO9™ LED
© 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED
logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS313
REV 1
6
Notes
•
Cree LED maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a tolerance of ±2 on
CRI measurements. See the Measurements section (page 20).
•
For 90 CRI minimum LEDs, CRI R9 typical is 60.
FLUX CHARACTERISTICS, ORDER CODES & BINS - 36 V (I
F = 200 mA, TJ = 85 °C)
The following tables provide order codes for XLamp CMB1306 Pro9 LEDs. For a complete description of the order code nomenclature,
please see the Bin and Order Code Formats section (page 16).
Nominal
CCT
CRI*
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
5000 K
90
92
995
1070
50G
CMB1306-0000-00PN0U0A50G
4000 K
90
92
949
1021
40H
CMB1306-0000-00PN0U0A40H
40G
CMB1306-0000-00PN0U0A40G
95
98
896
963
40H
CMB1306-0000-00PN0Z0A40H
3500 K
90
92
946
1017
35H
CMB1306-0000-00PN0U0A35H
35G
CMB1306-0000-00PN0U0A35G
95
98
909
977
35H
CMB1306-0000-00PN0Z0A35H
3000 K
90
92
932
1002
30H
CMB1306-0000-00PN0U0A30H
30G
CMB1306-0000-00PN0U0A30G
95
98
897
965
30H
CMB1306-0000-00PN0Z0A30H
2700 K
90
92
899
966
27H
CMB1306-0000-00PN0U0A27H
27G
CMB1306-0000-00PN0U0A27G
95
98
854
919
27H
CMB1306-0000-00PN0Z0A27H
FLUX CHARACTERISTICS, ORDER CODES & BINS, PREMIUM COLOR - 36 V (I
F = 200 mA, TJ = 85 °C)
Specialty
Nominal
CCT
CRI
Minimum
Luminous
Flux (lm)
Typical
Luminous
Flux (lm)
2-Step
3-Step
Min.
Typ
Group
Order Code
Group
Order Code
Group
Order Code
3100 K
90
92
882
948
31Q
CMB1306-0000-
00PN0U0A31Q
3000 K
90
92
868
933
30U
CMB1306-0000-
00PN0U0A30U
90
92
905
973
30Q
CMB1306-0000-
00PN0U0A30Q
95
98
845
909
L7C
CMB1306-0000-
00PN0Z0AL7C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com