Electronic Components Datasheet Search
  English  ▼

X  

CMB1840 Datasheet(PDF) 1 Page - Cree LED

Part # CMB1840
Description  XLamp® CMB1840 Pro9™ LED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1840 Datasheet(HTML) 1 Page - Cree LED

  CMB1840 Datasheet HTML 1Page - Cree LED CMB1840 Datasheet HTML 2Page - Cree LED CMB1840 Datasheet HTML 3Page - Cree LED CMB1840 Datasheet HTML 4Page - Cree LED CMB1840 Datasheet HTML 5Page - Cree LED CMB1840 Datasheet HTML 6Page - Cree LED CMB1840 Datasheet HTML 7Page - Cree LED CMB1840 Datasheet HTML 8Page - Cree LED CMB1840 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2023 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree LED
logo are registered trademarks, and Pro9 is a trademark, of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS319
REV 1
1
XLamp® CMB1840 Pro9™ LED
PRODUCT DESCRIPTION
The
XLamp®
CMB
family
delivers
industry‑leading lumen density and efficacy
in Cree LED’s package and LES sizes.
Leveraging the latest COB technology
platform, the CMB family provides a
no‑compromise
performance
upgrade
to existing CXA, CXB and CMA product
families while retaining mechanical and
optical compatibility with them.
Pro9™ version LEDs deliver up to 15%
higher efficacy for 90 and 95 color
rendering index (CRI) over standard version
LEDs without sacrificing color rendering
quality. Pro9 LEDs feature the industry’s
highest operating temperature rating of
105°C and the same maximum current
as the standard versions. In addition, all
Pro9 LEDs share the same mechanical and
electrical characteristics as the standard
versions.
XLamp CMB LEDs are optimized for
premium indoor lighting applications,
including track, spot and downlight, as well
as outdoor lighting.
FEATURES
• 14‑mm optical source
• Mechanical and optical design
consistent with CXA18, CXB18 and
CMA18 LEDs with a 14‑mm optical
source
• Available in 90 and 95 CRI minimum
options
• EasyWhite® 2‑ and 3‑step binning
• Premium Color 2‑ and 3‑step binning
• Forward voltage option: 36‑V class
• 85 °C binning and characterization
• Maximum drive current: 2400 mA
• 115° viewing angle, uniform
chromaticity profile
• Top‑side solder connections
• RoHS and REACH compliant
• UL® recognized component (E349212)
TABLE OF CONTENTS
Characteristics ............................................... 2
Operating Limits............................................. 2
Flux Characteristics, Order Codes & Bins..... 3
Flux Characteristics, Order Codes & Bins,
Premium Color ............................................... 3
Relative Spectral Power Distribution ............ 4
Relative Spectral Power Distribution,
Premium Color ............................................... 5
Electrical Characteristics............................... 6
Relative Luminous Flux.................................. 7
Typical Spatial Distribution............................ 7
EasyWhite® Performance Groups ‑
Chromaticity ................................................... 8
Premium Color Performance Groups ‑
Chromaticity ................................................... 9
EasyWhite® Bins Plotted on the 1931 CIE
Color Space .................................................. 10
Premium Color Bins Plotted on the 1931
CIE Color Space............................................ 11
Bin and Order Code Formats....................... 12
Mechanical Dimensions .............................. 13
Thermal Design............................................ 14
Notes ............................................................ 15
Packaging..................................................... 17


Similar Part No. - CMB1840

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMB1840 CREELED-CMB1840 Datasheet
1Mb / 20P
XLamp® CMB1840 LED
More results

Similar Description - CMB1840

ManufacturerPart #DatasheetDescription
logo
Cree LED
CMU1010 CREELED-CMU1010 Datasheet
1Mb / 18P
XLamp® CMU1010 Pro9™ LED
REV 1
CMU1519 CREELED-CMU1519 Datasheet
1Mb / 18P
XLamp® CMU1519 Pro9™ LED
REV 1
CMU2239 CREELED-CMU2239 Datasheet
1Mb / 18P
XLamp® CMU2239 Pro9™ LED
REV 1
CMU2287 CREELED-CMU2287 Datasheet
1Mb / 18P
XLamp® CMU2287 Pro9™ LED
REV 1
CHA0410-PRO9 CREELED-CHA0410-PRO9 Datasheet
1Mb / 23P
XLamp® CHA0410 Pro9™ LED
REV 1
CHA0825-PRO9 CREELED-CHA0825-PRO9 Datasheet
1Mb / 18P
XLamp® CHA0825 Pro9™ LED
REV 1
CMB1306-PRO9 CREELED-CMB1306-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1306 Pro9™ LED
REV 1
CMB1507-PRO9 CREELED-CMB1507-PRO9 Datasheet
1Mb / 23P
XLamp® CMB1507 Pro9™ LED
REV 1
CMB1516-PRO9 CREELED-CMB1516-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1516 Pro9™ LED
REV 1
CMB1818-PRO9 CREELED-CMB1818-PRO9 Datasheet
1Mb / 18P
XLamp® CMB1818 Pro9™ LED
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com