Electronic Components Datasheet Search
  English  ▼

X  

BAS716 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAS716
Description  Low-leakage diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS716 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAS716 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS716 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Nexperia
BAS716
Low-leakage diode
11. Test information
trr
(1)
+ IF
t
output signal
tr
tp
t
10 %
90 %
VR
input signal
V = VR + IF × RS
RS = 50 Ω
IF
D.U.T.
Ri = 50 Ω
SAMPLING
OSCILLOSCOPE
mga881
(1) IR = 1 mA
Fig. 6. Reverse recovery time test circuit and waveforms
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
12. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD523
SC-79
02-12-13
06-03-16
Plastic surface-mounted package; 2 leads
SOD523
0
0.5
1 mm
scale
D
1
2
HE
E
bp
A
c
v M A
A
UNIT
bp
c
D
E
v
mm
A
HE
DIMENSIONS (mm are the original dimensions)
Note
1. The marking bar indicates the cathode.
(1)
0.34
0.26
0.17
0.11
0.1
0.85
0.75
1.25
1.15
0.65
0.58
1.65
1.55
Fig. 7. Package outline SC-79 (SOD523)
BAS716
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
2 October 2020
5 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com