Electronic Components Datasheet Search
  English  ▼

X  

BAT54XY Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAT54XY
Description  Schottky barrier quadruple diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT54XY Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAT54XY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT54XY Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAT54XY
Schottky barrier quadruple diode
12 February 2019
Product data sheet
1. General description
Schottky barrier quadruple diode with an integrated guard ring for stress protection. Two electrically
isolated dual Schottky barrier diodes series, encapsulated in a very small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Low forward voltage
• Low capacitance
• AEC-Q101 qualified
3. Applications
• Ultra high-speed switching
• Line termination
• Voltage clamping
• Reverse polarity protection
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
-
-
30
V
IF
forward current
-
-
200
mA
VF
forward voltage
IF = 10 mA
[1]
-
-
400
mV
[1] Pulsed test: tp ≤ 300 μs; δ ≤ 0.02


Similar Part No. - BAT54XY

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54XY PHILIPS-BAT54XY Datasheet
51Kb / 9P
Schottky barrier quadruple diode in very small SOT363 package
Rev. 01-17 January 2005
BAT54XY PHILIPS-BAT54XY_15 Datasheet
239Kb / 9P
Schottky barrier quadruple diode
Rev. 3-8 October 2012
More results

Similar Description - BAT54XY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
logo
NXP Semiconductors
BAT54XY PHILIPS-BAT54XY Datasheet
51Kb / 9P
Schottky barrier quadruple diode in very small SOT363 package
Rev. 01-17 January 2005
BAT54XY PHILIPS-BAT54XY_15 Datasheet
239Kb / 9P
Schottky barrier quadruple diode
Rev. 3-8 October 2012
logo
Nexperia B.V. All right...
1PS88SB48 NEXPERIA-1PS88SB48 Datasheet
197Kb / 8P
General-purpose quadruple Schottky diode
7 March 2022
BAS40XY NEXPERIA-BAS40XY Datasheet
198Kb / 8P
General-purpose quadruple Schottky diode
7 March 2022
BAS70XY-Q NEXPERIA-BAS70XY-Q Datasheet
206Kb / 8P
General-purpose quadruple Schottky diode
7 January 2022
BAS40-05V NEXPERIA-BAS40-05V Datasheet
185Kb / 8P
General-purpose quadruple Schottky diode
27 December 2022
BAS70XY NEXPERIA-BAS70XY Datasheet
904Kb / 8P
General-purpose quadruple Schottky diode
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com