Electronic Components Datasheet Search
  English  ▼

X  

BAT74 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BAT74
Description  Schottky barrier double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT74 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BAT74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAT74
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2010. All rights reserved.
Product data sheet
Rev. 03 — 19 April 2010
4 of 10
Nexperia
BAT74
Schottky barrier double diode
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(1) Tamb = 125 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 °C
Standard footprint
Fig 3.
Diode capacitance as a function of reverse
voltage; typical values
Fig 4.
Power derating curve
103
102
10−1
IF
(mA)
VF (V)
10
1
1.2
0.8
0.4
0
msa892
(3)
(2)
(1)
(3)
(2)
(1)
010
20
30
VR (V)
103
102
10−1
IR
(
μA)
10
1
(1)
(2)
(3)
msa893
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
msa891
msa894
0
100
200
300
Ptot
(mW)
150
75
0
Tamb (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com