Electronic Components Datasheet Search
  English  ▼

X  

BAT754C Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAT754C
Description  Schottky barrier diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT754C Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAT754C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAT754C Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAT754_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 9 October 2012
3 of 10
Nexperia
BAT754 series
Schottky barrier diodes
5.
Limiting values
[1]
Tj =25 C before surge.
6.
Thermal characteristics
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
7.
Characteristics
[1]
Pulse test: tp  300 s;  0.02.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
30
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp  1s;  0.5
300
mA
IFSM
non-repetitive peak
forward current
sine wave;
tp <8.3 ms
[1] -600
mA
Per device; one diode loaded
Tj
junction temperature
-
125
C
Tamb
ambient temperature
55
+125
C
Tstg
storage temperature
65
+150
C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per device; one diode loaded
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
500
K/W
Table 7.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
[1]
IF = 0.1 mA
-
-
200
mV
IF = 1 mA
-
-
260
mV
IF = 10 mA
-
-
340
mV
IF = 30 mA
-
-
420
mV
IF = 100 mA
-
600
-
mV
IR
reverse current
VR =25V
[1] --2
A
Cd
diode capacitance
f = 1 MHz; VR = 1 V
--10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com