Electronic Components Datasheet Search
  English  ▼

X  

BAW101S-Q Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # BAW101S-Q
Description  High voltage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW101S-Q Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  BAW101S-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW101S-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Nexperia
BAW101S-Q
High voltage double diode
200
100
50
0
150
102
10
1
10- 1
10- 2
mle058
(1)
(2)
Tj (°C)
IR
(µA)
VR = VRmax
VR = VRmax
Fig. 4. Reverse current as a function of junction
temperature; typical values
0
2
10
0.6
0.5
0.3
0.2
0.4
4
VR (V)
Cd
(pF)
6
8
mle059
f = 1 MHz
Tj = 25 °C
Fig. 5. Diode capacitance as a function of reverse
voltage; typical values
0
50
Tamb (°C)
VR
(V)
100
200
400
300
100
0
200
150
mle060
VR = 300 V
Tamb = 150 °C
Fig. 6. Reverse voltage as a function of ambient temperature; typical values
11. Test information
Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
BAW101S-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
14 September 2021
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com