Electronic Components Datasheet Search
  English  ▼

X  

BAW156 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAW156
Description  Low-leakage double diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAW156 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAW156 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAW156 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BAW156
Low-leakage double diode
2 October 2020
Product data sheet
1. General description
Epitaxial, medium-speed switching, double diode in a small SOT23 plastic SMD package. The
diodes are in common anode configuration.
2. Features and benefits
• Plastic SMD package
• Low leakage current: typ. 3 pA
• Switching time: typ. 0.8 µs
• Continuous reverse voltage: max. 75 V
• Repetitive peak reverse voltage: max. 85 V
• Repetitive peak forward current: max. 500 mA.
• AEC-Q101 qualified
3. Applications
• Low-leakage current applications in surface mounted circuits.
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VR
reverse voltage
Tj = 25 °C
-
-
75
V
IR
reverse current
VR = 75 V; pulsed; Tj = 25 °C
-
0.003 5
nA
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
K1
cathode (diode 1)
2
K2
cathode (diode 2)
3
CA
common anode
1
2
3
SOT23
aaa-032327
K2
CA
K1


Similar Part No. - BAW156

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW156 PHILIPS-BAW156 Datasheet
69Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAW156 SIEMENS-BAW156 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Common anode)
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156 Datasheet
445Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAW156 DIODES-BAW156 Datasheet
351Kb / 3P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30231 Rev. 8 - 2
More results

Similar Description - BAW156

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
Low-leakage double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAV170 KEXIN-BAV170 Datasheet
39Kb / 2P
Low-leakage double diode
BAW156 KEXIN-BAW156 Datasheet
40Kb / 2P
Low-leakage double diode
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
Shenzhen Luguang Electr...
BAV170 LUGUANG-BAV170 Datasheet
228Kb / 3P
Low-leakage Double Diode
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
Low-leakage double diode
BAV170 BILIN-BAV170_17 Datasheet
129Kb / 4P
Low-leakage double diode
Rev.A
logo
Rectron Semiconductor
BAS416V RECTRON-BAS416V Datasheet
496Kb / 7P
Low-leakage double diode
BAV199V RECTRON-BAV199V Datasheet
143Kb / 7P
Low-leakage double diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com