Electronic Components Datasheet Search
  English  ▼

X  

HC05RC17GRS/D Datasheet(PDF) 35 Page - NXP Semiconductors

Part # HC05RC17GRS/D
Description  General Release Specification
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC17GRS/D Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button HC05RC17GRS/D Datasheet HTML 31Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 32Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 33Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 34Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 35Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 36Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 37Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 38Page - NXP Semiconductors HC05RC17GRS/D Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Central Processor Unit (CPU)
Accumulator
MC68HC05RC17 — Rev. 2.0
General Release Specification
Central Processor Unit (CPU)
3.4 Accumulator
The accumulator (A) is a general-purpose 8-bit register used to hold
operands and results of arithmetic calculations or data manipulations.
3.5 Index Register
The index register (X) is an 8-bit register used for the indexed
addressing value to create an effective address. The index register may
also be used as a temporary storage area.
3.6 Condition Code Register
The condition code register (CCR) is a 5-bit register in which the H, N,
Z, and C bits are used to indicate the results of the instruction just
executed, and the I bit is used to enable or disable interrupts. These bits
can be individually tested by a program, and specific actions can be
taken as a result of their state. Each bit is explained in the following
paragraphs.
Half Carry (H)
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
Interrupt (I)
When this bit is set, the timer and external interrupt are masked
(disabled). If an interrupt occurs while this bit is set, the interrupt is
latched and processed as soon as the I bit is cleared.
70
A
70
X
CCR
HIN
Z
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com