Electronic Components Datasheet Search
  English  ▼

X  

B150AF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B150AF
Description  1.0A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B150AF Datasheet(HTML) 3 Page - Diodes Incorporated

  B150AF Datasheet HTML 1Page - Diodes Incorporated B150AF Datasheet HTML 2Page - Diodes Incorporated B150AF Datasheet HTML 3Page - Diodes Incorporated B150AF Datasheet HTML 4Page - Diodes Incorporated B150AF Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
B150AF-B160AF
Document number: DS39505 Rev. 2 - 2
3 of 5
www.diodes.com
May 2017
© Diodes Incorporated
B150AF-B160AF
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
V
F, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Characteristics
-55
°C
25
°C
85
°C
100
°C
125
°C
150
°C
0.001
0.01
0.1
1
10
100
0
10
20
30
40
50
60
V
R, REVERSE VOLTAGE (V)
Figure 2. Typical Reverse Characteristics
25
°C
85
°C
100
°C
125
°C
150
°C
10
100
1000
10000
0
10
20
30
40
V
R, REVERSE VOLTAGE (V)
Figure 3. Typical Junction Capacitance
0.00
0.20
0.40
0.60
0.80
1.00
1.20
25
50
75
100
125
150
T
A, AMBIENT TEMPERATURE (℃)
Figure 4. DC Forward Current Derating
Note 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com