Electronic Components Datasheet Search
  English  ▼

X  

B190LB Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B190LB
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B190LB Datasheet(HTML) 1 Page - Diodes Incorporated

  B190LB Datasheet HTML 1Page - Diodes Incorporated B190LB Datasheet HTML 2Page - Diodes Incorporated B190LB Datasheet HTML 3Page - Diodes Incorporated B190LB Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B190LB
Document number: DS45541 Rev. 8 - 2
1 of 4
www.diodes.com
March 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
B190LB
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
REVERSE VOLTAGE
– 90 Volts
FORWARD CURRENT
– 1 Amperes
FEATURES
• For surface mounted application
• Metal-semiconductor junction with guardring
• Epitaxial construction
• Very low forward voltage drop
• High current capability
• For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
MECHANICAL DATA
• Package: Molded plastic
• Package Material: Molding compound, UL Flammability
classification 94V-0, (No Br. Sb. Cl.) "Halogen-free".
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish – Matte Tin Plated Leads
• Polarity: Indicated by cathode band
• Weight: 0.093 grams (Approximate)
SMB
SMB
DIM
MIN
MAX
A
4.06
4.57
B
3.30
3.94
C
1.96
2.21
D
0.15
0.31
E
5.21
5.59
F
0.05
0.20
G
2.01
2.50
H
0.76
1.52
All dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
ABSOLUTE RATINGS
PARAMETER
SYMBOL
B190LB
UNIT
Maximum repetitive peak reverse voltage
VRRM
90
V
Maximum RMS Voltage
VRMS
63
V
Maximum DC blocking voltage
VDC
90
V
Average rectified Output Current
@TL=120°C
@TL=100°C
I(AV)
1.0
2.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
IFSM
50
A
Maximum Forward Voltage at 1.0A DC
TJ=25°C
VF
0.75
V
Maximum DC Reverse Current at rated DC
blocking voltage
TJ=25°C
TJ=100°C
IR
0.5
15.0
mA
Typical Junction Capacitance (Note 4)
CJ
80
pF
Typical thermal resistance junction to Lead (Note 5)
R
ΘJL
15
°C/W
Operating junction temperature
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for
more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony
compounds.
4. Measured at 1.0MHz and applied voltage of 4.0V DC.
5. Thermal Resistance Junction to Lead.
C
B
A
H
E
F
G
D
Green


Similar Part No. - B190LB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
64Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. B-2
logo
Lite-On Technology Corp...
B190 LITEON-B190 Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B190 WEITRON-B190 Datasheet
94Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B190 DIODES-B190 Datasheet
361Kb / 3P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 6 - 2
B190-13 DIODES-B190-13 Datasheet
101Kb / 4P
1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30018 Rev. 10 - 2
More results

Similar Description - B190LB

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com