Electronic Components Datasheet Search
  English  ▼

X  

FWA-2012 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # FWA-2012
Description  Rackmount Platform for Network Application with Intel® Atom® C3000 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-2012 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  FWA-2012 Datasheet HTML 1Page - Advantech Co., Ltd. FWA-2012 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Network Appliances
Features
Rackmount Platform for Network
Application with Intel® Atom® C3000
Processor
ƒ Intel® Atom® C3000 System On Chip up to 16 cores Processor with QAT
ƒ DDR4 2400 ECC registered memory up to 64GB
ƒ Optimized LAN Port Extension
ƒ Maximized storage options
ƒ TPM 1.2
ƒ Advanced Platform Reliability and Serviceability
FWA-2012
Specifications
FWA-2012-4CA1S
FWA-2012-8CA1S
FWA-2012-16A1S
Processor System
Processor
Intel® Atom™ C3000
Core Number
4 core
8 core
16 core
Frequency
2.2GHz
2.2GHz
2.0GHZ
L2 Cache
2MB/Core
2MB/Core
2MB/Core Pair
Chipset
Intel® Atom™ C3558
Intel® Atom™ C3758
Intel® Atom™ C3958
BIOS
AMI Efi 64Mbit
Virtualization
VT-x, VT-d
Memory
Technology
DDR4, 2133/2400MHz
Max. Capacity
64GB
Socket
2 x 288-pin DIMM
ECC Support
ECC
Networking
Controller
1 x Marvell 88E1543
2 x Intel i210
1GbE
4 x 1GbE RJ45 via Marvell 1543 with 2 pairs LAN Bypass
2 x GbE RJ45 port via Intel i210
LAN bypass
Advanced
2 segment
Legacy
-
Expansion
PCIe x 4
-
1 x PCIE-2002 (optional)
NMC
1 x NMC
Storage
2.5" HDD/SSD
1 x 2.5” HDD/SSD (optional)
3.5" HDD
1 x 3.5” HDD/SSD
m.2 SSD
2 xM.2 (2280) (2nd M.2 daughter board:optional)
I/O
Console port
1
USB3.0
2
LED Indicator
Power/Status/Location LED
Reset button
Yes
Others
1 x AC Power Switch
TPM
1.2 (optional)
LCD Module
16x2 graphic display,5 buttons (optional)
Power
Power Type
AC
Watts
150 W
Input
100 V ~ 240 V
Connector
AC 2pin plug
Power Adaptor
AC PSU
Environment
Operating Temperature (air flow 0.7 m/sec)
0 ~ 40 °C (32 ~ 104 °F)
Non-operating Temperature
-40 ~ 60 °C (-40 ~ 140 °F)
5 ~ 95%
Vibration Resistance
with SATA HDD: 0.5 Grms, IEC 60068-2-64, 5-500Hz, 1hr/axis
Shock Protection
with SATA HDD: 10G, IEC-60068-2-27, half sine, 11ms duration
Cooling
2 x system Fans
Mechanical
Construction
Iron
Mounting
1U Rackmount
Dimensions (W x H x D)
430 x 44 x 320.7 mm (16.7" x 1.7" x 12.6")
Weight
6.6 Kg (14.5 lbs)
OS Support
Linux (CentOS, Red Hat, Ubuntu)
Advantech S/W Packages
QuickStart Linux Image (CentOS based reference BSP) including
ƒ afru
ƒ ipmitool
ƒ lmsensors
ƒ LCD4Linux
ƒ Intel DPDK
ƒ Advanced LBP utility
Individual packages:
ƒ Advanced LBP utility
IPMI
NA
Certification
CB/UL/CE/FCC/CCC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 11-May-2020


Similar Part No. - FWA-2012

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
FWA-2011 ADVANTECH-FWA-2011 Datasheet
479Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
FWA-2011-4C00E ADVANTECH-FWA-2011-4C00E Datasheet
479Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
FWA-2011-4C01E ADVANTECH-FWA-2011-4C01E Datasheet
479Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ X5-E3940 Processor and 6 GbE ports
15-Feb-2019
More results

Similar Description - FWA-2012

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA361R AXIOMTEK-NA361R_17 Datasheet
276Kb / 1P
1U Rackmount Network Appliance Platform with Intel Atom Processor
logo
Advantech Co., Ltd.
FWA-2112 ADVANTECH-FWA-2112 Datasheet
740Kb / 3P
1U Network Appliance with Intel Atom® C3000 Processor for SD-WAN, uCPE and Network Applications Processor
21-Dec-2021
FWA-2320 ADVANTECH-FWA-2320 Datasheet
421Kb / 2P
1U Rackmount Network Appliance with Intel® Atom™ Processor C2000 for vE-CPE and Network Applications
9-Jun-2017
FWA-6070 ADVANTECH-FWA-6070 Datasheet
1Mb / 2P
2U Rackmount Network Appliance with single Intel® Xeon® Processor Scalable Family
21-Nov-2018
logo
Lanner All Rights Reser...
NCA-2510-DM-V1 LANNER-NCA-2510-DM-V1 Datasheet
310Kb / 2P
1U 19” Rackmount Network Appliance Built with Intel® Atom™ C3000 Processors
V1-2022.06.27
NCA-2512-DM-V1 LANNER-NCA-2512-DM-V1 Datasheet
710Kb / 2P
1U 19” Rackmount Network Appliance with Intel® Atom™ C3000 8~16 Cores Processors
logo
AAEON Technology
FWS-2360 AAEON-FWS-2360 Datasheet
255Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 Series
FWS-2365 AAEON-FWS-2365 Datasheet
362Kb / 2P
Desktop Network Appliance with Intel® Atom® Processor C3000 series
2022/04/12
FWS-7830 AAEON-FWS-7830 Datasheet
359Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/06/08
FWS-7831 AAEON-FWS-7831 Datasheet
298Kb / 2P
1U Rackmount Intel® 8th Generation Platform Network Appliance
2022/03/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com