Electronic Components Datasheet Search
  English  ▼

X  

BAV73 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAV73
Description  Dual high-speed switching diode in common cathode configuration
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV73 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAV73 Datasheet HTML 1Page - NXP Semiconductors BAV73 Datasheet HTML 2Page - NXP Semiconductors BAV73 Datasheet HTML 3Page - NXP Semiconductors BAV73 Datasheet HTML 4Page - NXP Semiconductors BAV73 Datasheet HTML 5Page - NXP Semiconductors BAV73 Datasheet HTML 6Page - NXP Semiconductors BAV73 Datasheet HTML 7Page - NXP Semiconductors BAV73 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 May 06
3
Philips Semiconductors
Preliminary specification
Dual high-speed switching diode
in common cathode configuration
BAV73
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VF
forward voltage
IF = 100 mA
−
1V
IF = 200 mA
−
1.25
V
V(BR)R
reverse breakdown voltage
IR = 100 µA
250
−
V
IR
reverse current
VR = 250 V
−
100
nA
VR = 250 V; Tj = 150 °C
−
100
µA
Cd
diode capacitance
VR = 0; f = 1 MHz
−
5pF
trr
reverse recovery time
switching from IF = 30 mA to IR = 30 mA;
RL = 100 Ω; measured at IR =3mA
−
50
ns
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
360
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com