Electronic Components Datasheet Search
  English  ▼

X  

B370BE Datasheet(PDF) 4 Page - Diodes Incorporated

Part # B370BE
Description  3.0A SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B370BE Datasheet(HTML) 4 Page - Diodes Incorporated

  B370BE Datasheet HTML 1Page - Diodes Incorporated B370BE Datasheet HTML 2Page - Diodes Incorporated B370BE Datasheet HTML 3Page - Diodes Incorporated B370BE Datasheet HTML 4Page - Diodes Incorporated B370BE Datasheet HTML 5Page - Diodes Incorporated B370BE Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B370BE-B3100BE/B370CE-B3100CE
Document number: DS39460 Rev. 3 - 2
4 of 6
www.diodes.com
January 2020
© Diodes Incorporated
B370BE-B3100BE
B370CE-B3100CE
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMB
SMB
Dim
Min
Max
A
2.00
2.50
A1
0.05
0.20
b
1.96
2.21
c
0.15
0.31
D
3.30
3.94
E
5.00
5.59
E1
4.06
4.57
L
0.76
1.52
All Dimensions in mm
SMC
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.50
All Dimensions in mm
D
b
A
A1
E1
E
L
c
A
B
C
D
G
H
E
J



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com