Electronic Components Datasheet Search
  English  ▼

X  

BAS21DWA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS21DWA
Description  HIGH VOLTAGE SURFACE MOUNT DUAL SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21DWA Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS21DWA Datasheet HTML 1Page - Diodes Incorporated BAS21DWA Datasheet HTML 2Page - Diodes Incorporated BAS21DWA Datasheet HTML 3Page - Diodes Incorporated BAS21DWA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS21DWA
Document number: DS36559 Rev. 9 - 2
3 of 4
www.diodes.com
January 2018
© Diodes Incorporated
BAS21DWA
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
0.0001
0.001
0.01
0.1
1
10
100
0
50
100
150
200
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
V , DC REVERSE VOLTAGE (V)
R
Figure 4 Total Capacitance vs. Reverse Voltage
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0
5
10
15
20
25
30
35
40
f = 1MHz
SOT353
Dim
Min
Max
Typ
A1
0.00
0.10
0.05
A2
0.90
1.00
0.95
b
0.10
0.30
0.25
c
0.10
0.22
0.11
D
1.80
2.20
2.15
E
2.00
2.20
2.10
E1
1.15
1.35
1.30
e
0.650 BSC
F
0.40
0.45
0.425
L
0.25
0.40
0.30
a
0
°
8
°
--
All Dimensions in mm
Dimensions
Value
(in mm)
C
0.650
C1
1.900
G
1.300
X
0.420
X1
1.720
Y
0.600
Y1
2.500
E
b
E1
F
D
A2
A1
e
c
L
a
Y1
X1
C1
C
X
Y
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com