Electronic Components Datasheet Search
  English  ▼

X  

BAV756S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV756S
Description  High-speed switching diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV756S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV756S Datasheet HTML 1Page - NXP Semiconductors BAV756S Datasheet HTML 2Page - NXP Semiconductors BAV756S Datasheet HTML 3Page - NXP Semiconductors BAV756S Datasheet HTML 4Page - NXP Semiconductors BAV756S Datasheet HTML 5Page - NXP Semiconductors BAV756S Datasheet HTML 6Page - NXP Semiconductors BAV756S Datasheet HTML 7Page - NXP Semiconductors BAV756S Datasheet HTML 8Page - NXP Semiconductors BAV756S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1997 Oct 21
2
Philips Semiconductors
Product specification
High-speed switching diode array
BAV756S
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage:
max. 75 V
• Repetitive peak reverse voltage:
max. 85 V
• Repetitive peak forward current:
max. 450 mA.
APPLICATIONS
• General purpose switching in e.g.
surface mounted circuits.
DESCRIPTION
The BAV756S consists of four
high-speed switching diodes
fabricated in planar technology, and
encapsulated in the small SMD
SOT363 plastic package. One pair of
diodes has a common cathode; the
other pair has a common anode.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
cathode (k1)
3
common anode
4
cathode (k2)
5
anode (a2)
6
common cathode
handbook, halfpage
65
4
12
3 MGL158
Fig.1 Simplified outline (SOT363) and symbol.
Marking code: A7t.
MSA370
12
3
65
4
Top view
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. One or more diodes loaded.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
single diode loaded; see Fig.2
−
250
mA
all diodes loaded; see Fig.2
−
100
mA
IFRM
repetitive peak forward current
−
450
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
−
4A
t=1ms
−
1A
t=1s
−
0.5
A
Ptot
total power dissipation
Ts =60 °C; note 1
−
350
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com