Electronic Components Datasheet Search
  English  ▼

X  

PS2408 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PS2408
Description  8-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS2408 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PS2408 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS2408 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS2408 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
8-Outlet Vertical Power Strip, 120V, 15A, 15 ft.
(4.57 m) Cord, 5-15P, 24 in.
MODEL NUMBER: PS2408
The PS2408 power strip provides horizontal or vertical power distribution for rackmount, raceway and
workbench applications in a convenient 24-inch mountable housing.
Description
The PS2408 provides a 15-amp, 120v power strip with 8 standard NEMA 5-15 outlets in a rugged, all-
metal, mountable housing. It allows for both vertical and horizontal mounting, making it ideal for a variety
of uses including office, rackmount, workbench, industrial and telecom applications. With a NEMA 5-15P,
15-ft. (4.57 m) power cord, you don't have to install the PS2408 next to outlets you already have; it can be
mounted across the room and deliver reliable service where you need it most. A lighted and covered
On/Off switch helps prevent accidental shut-offs, while a 15-amp circuit breaker guards against dangerous
circuit overloads. Its sturdy all-metal extruded aluminum housing stands up to demanding network,
laboratory or factory environments.
Features
Multi-Outlet Power Distribution
Vertical or Horizontal Moun
Extra Long Power Cord
Premium Safety Features
Heavy-Duty Housing
Highlights
Ideal for applications needing
multiple convenience outlets for
powering a variety of electronic
equipment
q
24-in mountable housing with 8
standard NEMA 5-15R outlets
and a 15-ft. (4.57 m) power cord
q
Lighted, covered On/Off switch
and 15-amp circuit breaker
q
Sturdy construction and heavy-
duty, all-metal housing
q
Package Includes
PS2408
q
Mounting hardware
q
Instruction manual
q
OVERVIEW
UPC Code
037332011442
1 / 3


Similar Part No. - PS2408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2408 ETC2-PS2408 Datasheet
464Kb / 3P
8-outlet Vertical Power Strip with 15-ft. Cord
logo
Tripp Lite. All Rights ...
PS240810 TRIPPLITE-PS240810 Datasheet
160Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS240810 TRIPPLITE-PS240810 Datasheet
37Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS240810 TRIPPLITE-PS240810_V01 Datasheet
37Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS2408B TRIPPLITE-PS2408B Datasheet
175Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 24 in., Black Housing
More results

Similar Description - PS2408

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS240810 TRIPPLITE-PS240810 Datasheet
160Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS2408B TRIPPLITE-PS2408B Datasheet
175Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 24 in., Black Housing
PS2408RA TRIPPLITE-PS2408RA Datasheet
173Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS3612B TRIPPLITE-PS3612B Datasheet
172Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 36 in., Black Housing
PS3612RA TRIPPLITE-PS3612RA Datasheet
170Kb / 3P
12 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS240810 TRIPPLITE-PS240810_V01 Datasheet
37Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 10 ft. (3.05 m) Cord, 5-15P, 24 in.
PS2408RA TRIPPLITE-PS2408RA_V01 Datasheet
51Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS3612 TRIPPLITE-PS3612 Datasheet
48Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS3612RA TRIPPLITE-PS3612RA_V01 Datasheet
48Kb / 3P
12 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS6020 TRIPPLITE-PS6020 Datasheet
46Kb / 3P
20-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 60 in.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com