Electronic Components Datasheet Search
  English  ▼

X  

PS3612 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PS3612
Description  12-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PS3612 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PS3612 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PS3612 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PS3612 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
1000 Eaton Boulevard
Cleveland, OH 44122
United States
12-Outlet Vertical Power Strip, 120V, 15A, 15 ft.
(4.57 m) Cord, 5-15P, 36 in.
MODEL NUMBER: PS3612
Features
Sturdy all-metal 36 inch corded strip format with 2.638 inch center-to-center outlet spacing
q
Includes 12 NEMA 5-15R output receptacles
q
Ideal for horizontal or vertical raceway style power distribution in office, workbench, industrial,
networking and telecom applications
q
Lighted power switch with locking transparent cover prevents accidental shutoff
q
15 amp electrical capacity with circuit breaker
q
120V AC, 50/60Hz electrical compatibility
q
Highlights
12 outlets
q
Convenient and safe covered,
on/off switch
q
15-amp circuit breaker
q
15-ft. cord
q
36" length
q
Package Includes
PS3612
q
Mounting hardware
q
Instruction manual
q
OVERVIEW
UPC Code
037332011459
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
15A 120V
Input Cord Gauge Type
14 gauge; SJT
Voltage Compatibility (VAC)
120
Input Plug Type
NEMA 5-15P
Input Cord Length (ft.)
15
Right-Angle Plug
No
1 / 3


Similar Part No. - PS3612

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS3612 ETC2-PS3612 Datasheet
463Kb / 4P
12-outlet Vertical Power Strip with 15-ft. Cord
PS3612-20HW ETC2-PS3612-20HW Datasheet
460Kb / 3P
12-outlet Vertical Power Strip with Hardwire Input
logo
Tripp Lite. All Rights ...
PS3612-20HW TRIPPLITE-PS3612-20HW Datasheet
45Kb / 3P
12-Outlet Vertical Power Strip, 120V, 20A, Hardwired Input, 36 in.
PS361206 TRIPPLITE-PS361206 Datasheet
157Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 6 ft. (1.83 m) Cord, 5-15P, 36 in.
PS361206 TRIPPLITE-PS361206 Datasheet
35Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 6 ft. (1.83 m) Cord, 5-15P, 36 in.
More results

Similar Description - PS3612

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PS2408RA TRIPPLITE-PS2408RA Datasheet
173Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS361206 TRIPPLITE-PS361206 Datasheet
157Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 6 ft. (1.83 m) Cord, 5-15P, 36 in.
PS3612B TRIPPLITE-PS3612B Datasheet
172Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 36 in., Black Housing
PS3612RA TRIPPLITE-PS3612RA Datasheet
170Kb / 3P
12 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS2408 TRIPPLITE-PS2408 Datasheet
52Kb / 3P
8-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS2408RA TRIPPLITE-PS2408RA_V01 Datasheet
51Kb / 3P
8 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 24 in.
PS361206 TRIPPLITE-PS361206_V01 Datasheet
35Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, 6 ft. (1.83 m) Cord, 5-15P, 36 in.
PS3612B TRIPPLITE-PS3612B_V01 Datasheet
50Kb / 3P
12-Outlet Vertical Power Strip, 120V, 15A, NEMA 5-15P, 15 ft. (4.57 m) Cord, 36 in., Black Housing
PS3612RA TRIPPLITE-PS3612RA_V01 Datasheet
48Kb / 3P
12 Right-Angle Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 36 in.
PS6020 TRIPPLITE-PS6020 Datasheet
46Kb / 3P
20-Outlet Vertical Power Strip, 120V, 15A, 15 ft. (4.57 m) Cord, 5-15P, 60 in.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com