Electronic Components Datasheet Search
  English  ▼

X  

BAX18 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAX18
Description  General purpose diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAX18 Datasheet(HTML) 5 Page - NXP Semiconductors

  BAX18 Datasheet HTML 1Page - NXP Semiconductors BAX18 Datasheet HTML 2Page - NXP Semiconductors BAX18 Datasheet HTML 3Page - NXP Semiconductors BAX18 Datasheet HTML 4Page - NXP Semiconductors BAX18 Datasheet HTML 5Page - NXP Semiconductors BAX18 Datasheet HTML 6Page - NXP Semiconductors BAX18 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1996 Sep 18
5
Philips Semiconductors
Product specification
General purpose diode
BAX18
Fig.5 Reverse current as a function of junction temperature.
handbook, full pagewidth
0
100
200
10−1
10−2
10
1
102
103
104
MBG697
IR
(
µA)
Tj (
oC)
VR =75V.
Solid line; maximum values. Dotted line; typical values.
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj =25 °C.
handbook, halfpage
010
20
30
VR (V)
40
Cd
(pF)
30
10
0
20
MGD003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com