Electronic Components Datasheet Search
  English  ▼

X  

VRBC-16A2AX Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # VRBC-16A2AX
Description  NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-16A2AX Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button VRBC-16A2AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 6Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 7Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 8Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 9Page - Bel Fuse Inc. VRBC-16A2AX Datasheet HTML 10Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
8.3 V-14 V Input
0.75 V-5.5 V/16 A Output
Transient Response (continued)
External load capacitor Cext=330uF Tantalum capacitor, di/dt=2.5A/us
50% to 100% load Transient at 5.0Vdc output
100% to 50% load Transient at 5.0Vdc output
50% to 100% load Transient at 3.3Vdc output
100% to 50% load Transient at 3.3Vdc output
50% to 100% load Transient 0.75Vdc output
100% to 50% load Transient at 0.75Vdc output
Note:
All specifications are typical at 12Vdc input and Ta=25 deg C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com