Electronic Components Datasheet Search
  English  ▼

X  

VRBC-16F1AX Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # VRBC-16F1AX
Description  NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/16A Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

VRBC-16F1AX Datasheet(HTML) 2 Page - Bel Fuse Inc.

  VRBC-16F1AX Datasheet HTML 1Page - Bel Fuse Inc. VRBC-16F1AX Datasheet HTML 2Page - Bel Fuse Inc. VRBC-16F1AX Datasheet HTML 3Page - Bel Fuse Inc. VRBC-16F1AX Datasheet HTML 4Page - Bel Fuse Inc. VRBC-16F1AX Datasheet HTML 5Page - Bel Fuse Inc. VRBC-16F1AX Datasheet HTML 6Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302
• Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
NON-ISOLATED DC/DC CONVERTERS
2.4 V - 5.5 V Input
0.75 V - 3.63 V/16A Output
Input Specifications (continued)
Parameter
Min
Typ
Max
Notes
Input Reflected Ripple Current (pk-pk)
-
100 mA
-
Input Reflected Ripple Current (rms)
-
40 mA
-
Tested with two 100 uF / 10 V tantalum
input capacitors (P/N:
TPSC107K010R0075 AVX) & simulated
source impedance of 1 uH, 5 Hz to 20
MHz.
I
2t Inrush Current Transient
-
0.15 A
2s0.3 A2s
Turn-on Voltage Threshold
-
2.2 V
-
Turn-off Voltage Threshold
-
2.0 V
-
Output Specifications
Parameter
Min
Typ
Max
Notes
Output Voltage Set Point
-2% Vo,set
-
2% Vo,set
Vin=5 V, lo=lomax full load
Output Voltage Set Point
-3% Vo,set
-
3% Vo,set
Over all operating input
voltages, resistive loads and
temperature conditions
Load Regulation
-
0.4% Vo,set
-
Io=Io, min to Io, max
Line Regulation
-
0.3% Vo,set
-
Vin=Vin, min to Vin, max
Regulation Over Temperature
(-40
°C to +85 °C)
-
0.5% Vo,set
-
Tref=Ta, min to Ta, max
Output Current
0 A
-
16 A
Current Limit Threshold
19 A
-
35 A
Short Circuit Surge Transient
-
1.6 A
2s
2 A
2s
Ripple and Noise (pk-pk)
-
25 mV
50 mV
Ripple and Noise (rms)
-
8 mV
15 mV
Tested with 0-20 MHz, 10 uF /
16 V tantalum capacitor & 1 uF
/ 10 V TDK ceramic capacitor
at the output
Turn on Time
-
4 mS
8 mS
Overshoot at Turn on
-
0% Vo,set
3% Vo,set
Output Capacitance
ESR
≥ 1 mohm
ESR
≥ 10 mohm
0 uF
0 uF
-
-
1000 uF
5000 uF
Transient Response
50% ~ 100% Max Load
-
300 mV
-
Settling Time
-
50 uS
-
100% ~ 50% Max Load
-
300 mV
-
Settling Time
VO=0.75 V -
3.3 V
-
50 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with 10 uF / 16 V tantalum
capacitor & 1 uF / 10 V ceramic
capacitor at the output
Transient Response
50% ~ 100% Max Load
-
150 mV
-
Settling Time
-
100 uS
-
100% ~ 50% Max Load
-
150 mV
-
Settling Time
VO=0.75 V -
3.3 V
-
100 uS
-
di/dt=2.5 A/uS; Vin=5 V; and
with two 150 uF / 10 V
tantalum capacitors & 1 uF / 10
V ceramic capacitor at the
output
Note
: All specifications are typical at nominal input (Vin = 5 V), full load at 25 °C unless otherwise stated.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com