Electronic Components Datasheet Search
  English  ▼

X  

AMEL10 Datasheet(PDF) 1 Page - AIMTEC

Part # AMEL10
Description  10 watt encapsulated ac-dc converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEL10 Datasheet(HTML) 1 Page - AIMTEC

  AMEL10 Datasheet HTML 1Page - AIMTEC AMEL10 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
107
VISIT US AT WWW.AIMTEC.CA
Continued on next page
AMEL10 Series
10 watt encapsulated ac-dc converter
• SWITCHING POWER MODULES FOR PCB MOUNTING
• FULLY ENCAPSULATED PLASTIC CASE
• UNIVERSAL INPUT RANGE 90 ... 260VAC , 47 ... 440 Hz
• REGULATED OUTPUT
• LOW RIPPLE & NOISE
• HIGH EFFICIENCY
• CE, cUL APPROVALS
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal Input voltage, full load and +25°C after warm-up time unless otherwise stated.
Specifications are subject to change without notification
Model No. (Single Output)
AMEL10-3.3S
AMEL10-5S
AMEL10-12S
AMEL10-15S AMEL10-24S
Max output wattage (W)
10W
10W
10W
10W
10W
Voltage
90 ... 260 VAC
Frequency (Hz)
47 ... 440 Hz
Current (Full Load)
220mA max. (115 VAC) / 150mA max. (230 VAC)
Input
Current (No Load)
12mA max. (115 VAC) / 14mA max. (230 VAC)
Inrush Current (<2ms)
10 A max. (115 VAC) / 20 A max. 230 VAC)
External Fuse (recommended)
1.5 A slow blow type
Voltage (VDC)
3.3V
5V
12V
15V
24V
Voltage Accuracy
±2%
Current (mA) max.
2500
2000
833
667
417
Line Regulation (typ.)
±0.3%
Load Regulation (5%-100%)(typ.)
±0.5%
Output
Minimum Load
0%
Maximum Capacitive Load
470-23,000m F depending on model
Ripple
<0.2% Vout +40mV max (Vp-p)
Noise
<0.5% Vout +50mV max (Vp-p)
Efficiency
70%
72%
79%
79%
79%
Hold-up Time
15 ms min.
Switching Frequency
125 kHz
Over Current Protection
Hiccup technique, auto-recovery
Protection
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (VAC)
3000V
Operating Temperature
-25°C ... +71°C
Storage Temperature
-40°C ... +85°C
Environment Temperature Coefficient
0.02% / °C
Humidity
20-85% RH
MTBF
>310,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
2.05 x 1.06 x 0.91 inches (52 x 27 x 23 mm)
Case Material
Plastic resin + Fiberglass (flammability to UL 94V-0)
Physical
Weight
54g
Cooling Method
Free air convection
General
Vibration
10-55 Hz 0.5 mm width / 1 minute cycle
Shock
20 G (3 directions each 3 times)
Safety
Agency Approvals
cUL, CE
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024


Similar Part No. - AMEL10

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
300Kb / 4P
10 Watt | AC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
482Kb / 4P
10 Watt | AC-DC / DC-DC Converter
AMEL10-1215DMAZ AIMTEC-AMEL10-1215DMAZ Datasheet
554Kb / 6P
10 Watt | AC-DC / DC-DC Converter
AMEL10-1224DMAZ AIMTEC-AMEL10-1224DMAZ Datasheet
300Kb / 4P
10 Watt | AC-DC Converter
AMEL10-1224DMAZ AIMTEC-AMEL10-1224DMAZ Datasheet
482Kb / 4P
10 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEL10

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME05 AIMTEC-AME05 Datasheet
364Kb / 3P
5 watt encapsulated ac-dc converter
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
10 watt encapsulated ac-dc converter
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
15 watt encapsulated ac-dc converter
AME30 AIMTEC-AME30 Datasheet
417Kb / 3P
30 watt encapsulated ac-dc converter
AMEL05 AIMTEC-AMEL05 Datasheet
307Kb / 2P
5 watt encapsulated ac-dc converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ Datasheet
300Kb / 4P
10 Watt | AC-DC Converter
AMEL10-AZ AIMTEC-AMEL10-AZ Datasheet
330Kb / 3P
10 Watt | AC-DC Converter
AMEL10-MAZ AIMTEC-AMEL10-MAZ_13 Datasheet
412Kb / 4P
10 Watt | AC-DC / DC-DC Converter
logo
ETA-USA
OBS3.3SA-U ETA-USA-OBS3.3SA-U Datasheet
1Mb / 5P
10 WATT AC-DC CONVERTER
SVS05SA ETA-USA-SVS05SA Datasheet
639Kb / 6P
10 WATT AC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com