Electronic Components Datasheet Search
  English  ▼

X  

AMEO150 Datasheet(PDF) 2 Page - AIMTEC

Part # AMEO150
Description  150 Watt (Open Frame) AC/DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEO150 Datasheet(HTML) 2 Page - AIMTEC

  AMEO150 Datasheet HTML 1Page - AIMTEC AMEO150 Datasheet HTML 2Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AMEO150 Series
OUTLINE DIMENSIONS & PIN CONNECTIONS
MECHANICAL DIMENSION (Top View)
DERATING
BLOCK DIAGRAM
Single
1
FG
2
AC Input (N)
3
AC Input (L)
4, 5
+DC Output
6, 7
-DC Output
Pin



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com