Electronic Components Datasheet Search
  English  ▼

X  

BB133 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BB133
Description  VHF variable capacitance diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB133 Datasheet(HTML) 2 Page - NXP Semiconductors

  BB133 Datasheet HTML 1Page - NXP Semiconductors BB133 Datasheet HTML 2Page - NXP Semiconductors BB133 Datasheet HTML 3Page - NXP Semiconductors BB133 Datasheet HTML 4Page - NXP Semiconductors BB133 Datasheet HTML 5Page - NXP Semiconductors BB133 Datasheet HTML 6Page - NXP Semiconductors BB133 Datasheet HTML 7Page - NXP Semiconductors BB133 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1998 Sep 15
2
Philips Semiconductors
Product specification
VHF variable capacitance diode
BB133
FEATURES
• Excellent linearity
• Excellent matching to 0.7% DMA
• Very small plastic SMD package
• C28: 2.5 pF; ratio: 16
• Low series resistance.
APPLICATIONS
• Electronic tuning in VHF television
tuners, band B up to 460 MHz
• VCO.
DESCRIPTION
The BB133 is a variable capacitance
diode, fabricated in planar
technology, and encapsulated in the
SOD323 very small plastic SMD
package.
The excellent matching performance
is achieved by gliding matching and a
direct matching assembly procedure.
The unmatched type, BB150 has the
same specification.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
−
30
V
IF
continuous forward current
−
20
mA
Tstg
storage temperature
−55
+150
°C
Tj
operating junction temperature
−55
+125
°C
Fig.1 Simplified outline (SOD323) and symbol.
Marking code: P3.
Cathode side indicated by a bar.
handbook, 4 columns
ka
MAM130
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. VR is the value at which Cd = 30 pF.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IR
reverse current
VR = 30 V; see Fig.3
−
10
nA
VR =30V; Tj =85 °C; see Fig.3
−
200
nA
rs
diode series resistance
f = 100 MHz; note 1
−
0.9
Ω
Cd
diode capacitance
VR = 0.5 V; f = 1 MHz; see Figs 2 and 4
38
46
pF
VR = 28 V; f = 1 MHz; see Figs 2 and 4
2.2
2.6
pF
capacitance ratio
f = 1 MHz
14
21
capacitance matching
VR = 0.5 to 28 V; in a sequence of 4 diodes
(gliding)
−
0.7
%
VR = 0.5 to 28 V; in a sequence of 15 diodes
(gliding)
−
2%
C
d 0.5V
()
C
d28V
()
----------------------
C
d
∆
C
d
----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com