Electronic Components Datasheet Search
  English  ▼

X  

ADL5350 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5350
Description  LF to 4 GHz High Linearity Y-Mixer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5350 Datasheet(HTML) 2 Page - Analog Devices

  ADL5350 Datasheet HTML 1Page - Analog Devices ADL5350 Datasheet HTML 2Page - Analog Devices ADL5350 Datasheet HTML 3Page - Analog Devices ADL5350 Datasheet HTML 4Page - Analog Devices ADL5350 Datasheet HTML 5Page - Analog Devices ADL5350 Datasheet HTML 6Page - Analog Devices ADL5350 Datasheet HTML 7Page - Analog Devices ADL5350 Datasheet HTML 8Page - Analog Devices ADL5350 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADL5350
Preliminary Technical Data
Rev. PrC | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Specifications..................................................................................... 3
820 MHz Receive Performance .................................................. 3
1950 MHz Receive Performance ................................................ 3
Spur Tables......................................................................................... 4
450 MHz Spur Table..................................................................... 4
820 MHz Spur Table..................................................................... 4
1950 MHz Spur Table................................................................... 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ..............................................8
820 MHz Characteristics..............................................................8
1950 MHz Characteristics......................................................... 13
Functional Description.................................................................. 18
Circuit Description .................................................................... 18
Implementation Procedure ....................................................... 18
Applications..................................................................................... 20
Low Frequency Applications .................................................... 20
70 MHz Receive Performance .................................................. 21
High Frequency Applications ................................................... 22
Evaluation Board ............................................................................ 23
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com