Electronic Components Datasheet Search
  English  ▼

X  

AMC23C15 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC23C15
Description  AMC23C15 Dual, Fast Response, Reinforced Isolated Window Comparator With Adjustable Threshold
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC23C15 Datasheet(HTML) 3 Page - Texas Instruments

  AMC23C15 Datasheet HTML 1Page - Texas Instruments AMC23C15 Datasheet HTML 2Page - Texas Instruments AMC23C15 Datasheet HTML 3Page - Texas Instruments AMC23C15 Datasheet HTML 4Page - Texas Instruments AMC23C15 Datasheet HTML 5Page - Texas Instruments AMC23C15 Datasheet HTML 6Page - Texas Instruments AMC23C15 Datasheet HTML 7Page - Texas Instruments AMC23C15 Datasheet HTML 8Page - Texas Instruments AMC23C15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5 Pin Configuration and Functions
VDD1
IN
REF
GND1
VDD2
OUT2
GND2
OUT1
1
2
3
4
8
7
6
5
Not to scale
Figure 5-1. DWV Package, 8-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power
High-side power supply.(1)
2
IN
Analog input
Common analog input pin for window comparator 1 and 2.
3
REF
Analog input
Reference pin that defines the trip threshold for window comparator 1. The voltage
on this pin also affects the hysteresis of comparator Cmp0 as explained in the
Reference Input section. This pin is internally connected to a 100-μA current source.
Connect a resistor from REF to GND1 to define the trip threshold, and a capacitor
from REF to GND1 to filter the reference voltage. For best transient noise immunity,
place the capacitor as closely to the pin as possible. This pin can also be driven by
an external voltage source.
4
GND1
High-side ground
High-side ground.
5
GND2
Low-side ground
Low-side ground.
6
OUT1
Digital output
Open-drain output of window comparator 1. Connect to an external pullup resistor or
leave unconnected (floating) when not used.
7
OUT2
Digital output
Open-drain output of window comparator 2. Connect to an external pullup resistor or
leave unconnected (floating) when not used.
8
VDD2
Low-side power
Low-side power supply.(1)
(1)
See the Layout section for power-supply decoupling recommendations.
www.ti.com
AMC23C15
SBASAP9 – MARCH 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC23C15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com