Electronic Components Datasheet Search
  English  ▼

X  

JFE150DBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # JFE150DBVT
Description  JFE150 Ultra-Low-Noise, Low-Gate-Current, Audio, N-Channel JFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

JFE150DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button JFE150DBVT Datasheet HTML 6Page - Texas Instruments JFE150DBVT Datasheet HTML 7Page - Texas Instruments JFE150DBVT Datasheet HTML 8Page - Texas Instruments JFE150DBVT Datasheet HTML 9Page - Texas Instruments JFE150DBVT Datasheet HTML 10Page - Texas Instruments JFE150DBVT Datasheet HTML 11Page - Texas Instruments JFE150DBVT Datasheet HTML 12Page - Texas Instruments JFE150DBVT Datasheet HTML 13Page - Texas Instruments JFE150DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
8.3.3 Input Protection
The JFE150 features input protection diodes that are used for surge clamping and ESD events. The diodes are
rated to withstand high current surges for short times, steering current from the gate (G) pin to the VCH and VCL
pins. The diodes also feature very low leakage, removing the need for external protection devices that can have
high leakage currents or nonlinear capacitance that degrade the distortion performance.
8.4 Device Functional Modes
The JFE150 functionality is identical to standard N-channel depletion JFET devices. The gate-to-source (VGS)
voltage, drain-to-source voltage (VDS) and drain-to-source current (IDS) determine the region of operation.
• For VGS < VGSC: JFE150 conduction channel is closed; IDS is only determined by junction leakage current.
• For VGS > VGSC: Two modes of operation can exist depending on VDS. When VDS is less than the linear
(saturation) region threshold (see Figure 8-1), the device operates in the linear region, meaning that the
device behaves as a resistor connected from drain-to-source with minimal variation from any changes in
VGS. When VDS is greater than the linear (saturation) region threshold, IDS has a strong dependance on VGS,
where the relationship is described by the parameter gm.
Figure 8-1. VDS vs IDS
JFE150
SLPS732B – JUNE 2021 – REVISED APRIL 2023
www.ti.com
10
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: JFE150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com