| Electronic Components Datasheet Search |
|
LMK6C Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMK6C Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 59 page ![]() Table 9-1. Function Pin Descriptions for 6-Pin Packages (LMK6D, LMK6H, LMK6P) ORDERABLE OPTION PIN DESCRIPTION OUTPUT FUNCTION OTHER FUNCTIONAL PIN CONFIGURATION E (Pin 1) Output Enable (Active High / NC) HIGH or No Connect : Output active at Specified Frequency LOW : Output disabled, high impedance; current consumption is given by IDD-PD Pin 2 can be left floating or grounded F (Pin 2) Output Enable (Active High / NC) HIGH or No Connect : Output active at Specified Frequency LOW : Output disabled, high impedance; current consumption is given by IDD-PD Pin 1 can be left floating or grounded A (Pin 1) Standby (Active Low) LOW : High Impedance; standby mode; current consumption is given by standby current IDD-STBY HIGH or No Connect : Output active at Specified Frequency Pin 2 can be left open or grounded B (Pin 2) Standby (Active Low) LOW : High Impedance; standby mode; current consumption is given by standby current IDD-STBY HIGH or No Connect : Output active at Specified Frequency Pin 1 can be left open or grounded Table 9-2. Function Pin Descriptions for 4-Pin Packages (LMK6C) ORDERABLE OPTION PIN DESCRIPTION OUTPUT FUNCTION E (Pin 1) Output Enable (Active High / NC) HIGH or No Connect : Output active at Specified Frequency LOW : Output disabled, high impedance; current consumption is given by IDD-PD A (Pin 1) Standby (Active Low) LOW : High Impedance; standby mode; current consumption is given by standby current IDD-STBY HIGH or No Connect : Output active at Specified Frequency In standby mode, all blocks are powered down to provide a maximum current consumption savings equivalent to the standby current provided in the Current Consumption Characteristics portion of the Electrical Characteristics table. The return to the output clock active time corresponds to same as the initial start-up time. The Function Pin is driven internally with resistance >100 kΩ. 9.3.4 Clock Output Interfacing and Termination These figures show the recommended output interfacing and termination circuits. LMK6C Device LVCMOS Receiver Figure 9-1. LMK6C Output to LVCMOS Receiver www.ti.com LMK6C, LMK6D, LMK6H, LMK6P SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 23 Product Folder Links: LMK6C LMK6D LMK6H LMK6P |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |