Electronic Components Datasheet Search
  English  ▼

X  

LMK6P Datasheet(PDF) 23 Page - Texas Instruments

Part # LMK6P
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6P Datasheet(HTML) 23 Page - Texas Instruments

Back Button LMK6P Datasheet HTML 19Page - Texas Instruments LMK6P Datasheet HTML 20Page - Texas Instruments LMK6P Datasheet HTML 21Page - Texas Instruments LMK6P Datasheet HTML 22Page - Texas Instruments LMK6P Datasheet HTML 23Page - Texas Instruments LMK6P Datasheet HTML 24Page - Texas Instruments LMK6P Datasheet HTML 25Page - Texas Instruments LMK6P Datasheet HTML 26Page - Texas Instruments LMK6P Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Table 9-1. Function Pin Descriptions for 6-Pin Packages (LMK6D, LMK6H, LMK6P)
ORDERABLE OPTION
PIN DESCRIPTION
OUTPUT FUNCTION
OTHER FUNCTIONAL PIN
CONFIGURATION
E (Pin 1)
Output Enable (Active High / NC)
HIGH or No Connect : Output
active at Specified Frequency
LOW : Output disabled, high
impedance; current consumption
is given by IDD-PD
Pin 2 can be left floating or
grounded
F (Pin 2)
Output Enable (Active High / NC)
HIGH or No Connect : Output
active at Specified Frequency
LOW : Output disabled, high
impedance; current consumption
is given by IDD-PD
Pin 1 can be left floating or
grounded
A (Pin 1)
Standby (Active Low)
LOW : High Impedance; standby
mode; current consumption is
given by standby current IDD-STBY
HIGH or No Connect : Output
active at Specified Frequency
Pin 2 can be left open or
grounded
B (Pin 2)
Standby (Active Low)
LOW : High Impedance; standby
mode; current consumption is
given by standby current IDD-STBY
HIGH or No Connect : Output
active at Specified Frequency
Pin 1 can be left open or
grounded
Table 9-2. Function Pin Descriptions for 4-Pin Packages (LMK6C)
ORDERABLE OPTION
PIN DESCRIPTION
OUTPUT FUNCTION
E (Pin 1)
Output Enable (Active High / NC)
HIGH or No Connect : Output active at
Specified Frequency
LOW : Output disabled, high impedance;
current consumption is given by IDD-PD
A (Pin 1)
Standby (Active Low)
LOW : High Impedance; standby mode;
current consumption is given by standby
current IDD-STBY
HIGH or No Connect : Output active at
Specified Frequency
In standby mode, all blocks are powered down to provide a maximum current consumption savings equivalent to
the standby current provided in the Current Consumption Characteristics portion of the Electrical Characteristics
table. The return to the output clock active time corresponds to same as the initial start-up time.
The Function Pin is driven internally with resistance >100 kΩ.
9.3.4 Clock Output Interfacing and Termination
These figures show the recommended output interfacing and termination circuits.
LMK6C Device
LVCMOS
Receiver
Figure 9-1. LMK6C Output to LVCMOS Receiver
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com