Electronic Components Datasheet Search
  English  ▼

X  

LM2901 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM2901
Description  LM2901B-Q1, LM2901x-Q1 Quadruple Automotive Comparator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2901 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM2901 Datasheet HTML 14Page - Texas Instruments LM2901 Datasheet HTML 15Page - Texas Instruments LM2901 Datasheet HTML 16Page - Texas Instruments LM2901 Datasheet HTML 17Page - Texas Instruments LM2901 Datasheet HTML 18Page - Texas Instruments LM2901 Datasheet HTML 19Page - Texas Instruments LM2901 Datasheet HTML 20Page - Texas Instruments LM2901 Datasheet HTML 21Page - Texas Instruments LM2901 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
LM2901-Q1 family will typically be used to compare a single signal to a reference or two signals against each
other. Many users take advantage of the open drain output to drive the comparison logic output to a logic voltage
level to an MCU or logic device. The wide supply range and high voltage capability makes LM2901-Q1 optimal
for level shifting to a higher or lower voltage.
8.2 Typical Application
V
SUP
V
xIN+
V
REF
+
C
L
R
PULLUP
V
LOGIC
–
½ LM2901x-Q1
V
xIN+
V
xIN–
C
L
R
PULLUP
–
½ LM2901x-Q1
V
SUP
V
LOGIC
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Single-Ended and Differential Comparator Configurations
8.2.1 Design Requirements
For this design example, use the parameters listed in Table 8-1 as the input parameters.
Table 8-1. Design Parameters
PARAMETER
EXAMPLE VALUE
Input voltage range
0 V to VSUP – 1.5 V
Supply voltage
2 V to 36 V
Logic supply voltage
2 V to 36 V
Output current (RPULLUP)
1 µA to 20 mA
Input overdrive voltage
100 mV
Reference voltage
2.5 V
Load capacitance (CL)
15 pF
8.2.2 Detailed Design Procedure
8.2.2.1 Input Voltage Range
When choosing the input voltage range, the input common mode voltage range (VICR) must be taken in to
account. If temperature operation is above or below 25°C the VICR can range from 0 V to VCC– 2.0 V. This limits
the input voltage range to as high as VCC– 2.0 V and as low as 0 V. Operation outside of this range can yield
incorrect comparisons.
Below is a list of input voltage situation and their outcomes:
1. When both IN- and IN+ are both within the common mode range:
a. If IN- is higher than IN+ and the offset voltage, the output is low and the output transistor is sinking
current
LM2901-Q1, LM2901V-Q1, LM2901AV-Q1, LM2901B-Q1
SLCS142G – DECEMBER 2003 – REVISED MARCH 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM2901-Q1 LM2901V-Q1 LM2901AV-Q1 LM2901B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com