Electronic Components Datasheet Search
  English  ▼

X  

SLG55022 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG55022
Description  High Voltage Gate Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG55022 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG55022 Datasheet HTML 1Page - Renesas Technology Corp SLG55022 Datasheet HTML 2Page - Renesas Technology Corp SLG55022 Datasheet HTML 3Page - Renesas Technology Corp SLG55022 Datasheet HTML 4Page - Renesas Technology Corp SLG55022 Datasheet HTML 5Page - Renesas Technology Corp SLG55022 Datasheet HTML 6Page - Renesas Technology Corp SLG55022 Datasheet HTML 7Page - Renesas Technology Corp SLG55022 Datasheet HTML 8Page - Renesas Technology Corp SLG55022 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
9-Feb-2022
CFR0011-120-01
Revision 1.04
Page 2 of 9
SLG55022-200030
High Voltage Gate Driver
©2022 Renesas Electronics Corporation
Pin Description
Overview
The SLG55022 N-Channel FET Gate Driver is used for controlling a delayed turn on and ramping slew rate of the source voltage
on N-Channel FET switches from a CMOS logic level input. Intended as a supporting control element for switched voltage rails
in energy efficient, advanced power management systems, the SLG55022 also integrates circuits to discharge opened switched
voltage rails. The gate driver is available in a variety of configurations supporting a range of turn-on slew rates from 0.80 V/ms
up to 4 V/ms which, depending on load supplying source voltages in the range of 1.0 V to 20 V results in ramp times from 200
µs
to over 20 ms (see Application Section). Delays until the ramp begins are source voltage independent and range from 250
µs to
5ms. A power good condition is output to indicate that the ramp-up slew of the source voltage is finished. Additionally, an internal
discharge circuit provides a controlled path to remove charge from open power rails. The SLG55022 gate drive is packaged in
an 8 pin DFN package.
When used with external N-Channel FETs, the SLG55022 supports low transient, energy efficient switching of high current loads
at source voltages ranging from 1.0V to 20V.
Ordering Information
Pin #
Pin Name
Type
Pin Description
VCC
1
Power
Supply Voltage
ON
2
Input
CMOS Logic Level. High True
NC
3
--
No Connect.
GND
4
GND
Ground.
D
5
Input
FET Drain Connection
S
6
Input
Source Connection
G
7
Output
FET Gate Drive
PG
8
Output
Output CMOS Open Drain - Power Good, indicates external FET fully on. Pull-up resistor
greater than 300 k
Ω recommended.
Part Number
Type
SLG55022-200030V
TDFN-8
SLG55022-200030VTR
TDFN-8 - Tape and Reel (3k units)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com