Electronic Components Datasheet Search
  English  ▼

X  

TMUX6221 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX6221
Description  TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX6221 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX6221 Datasheet HTML 28Page - Texas Instruments TMUX6221 Datasheet HTML 29Page - Texas Instruments TMUX6221 Datasheet HTML 30Page - Texas Instruments TMUX6221 Datasheet HTML 31Page - Texas Instruments TMUX6221 Datasheet HTML 32Page - Texas Instruments TMUX6221 Datasheet HTML 33Page - Texas Instruments TMUX6221 Datasheet HTML 34Page - Texas Instruments TMUX6221 Datasheet HTML 35Page - Texas Instruments TMUX6221 Datasheet HTML 36Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(4.4)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
10X (1.45)
10X (0.3)
8X (0.5)
(R
)
TYP
0.05
4221984/A 05/2015
SYMM
VSSOP - 1.1 mm max height
DGS0010A
SMALL OUTLINE PACKAGE
SYMM
LAND PATTERN EXAMPLE
SCALE:10X
1
5
6
10
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
NOT TO SCALE
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
TMUX6221, TMUX6222
SCDS452 – MARCH 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX6221 TMUX6222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com