Electronic Components Datasheet Search
  English  ▼

X  

TMUX7222 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX7222
Description  TMUX722x 44 V, Low-RON, 1:1 (SPST), 2-Channel Precision Switches with Latch-Up Immunity and 1.8-V Logic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7222 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX7222 Datasheet HTML 17Page - Texas Instruments TMUX7222 Datasheet HTML 18Page - Texas Instruments TMUX7222 Datasheet HTML 19Page - Texas Instruments TMUX7222 Datasheet HTML 20Page - Texas Instruments TMUX7222 Datasheet HTML 21Page - Texas Instruments TMUX7222 Datasheet HTML 22Page - Texas Instruments TMUX7222 Datasheet HTML 23Page - Texas Instruments TMUX7222 Datasheet HTML 24Page - Texas Instruments TMUX7222 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
8 Detailed Description
8.1 Overview
The TMUX722x is a 1:1, 2-channel switch. Each input is turned on or turned off based on the state of the select
line and enable pin.
8.2 Functional Block Diagram
Figure 8-1 shows the functional block diagram of the TMUX722x.
S1
S2
D1
D2
VDD
VSS
SW
SW
SEL1
SEL2
TMUX7221
(SELx = Logic 1)
S1
S2
D1
D2
VDD
VSS
SW
SW
SEL1
SEL2
TMUX7222
(SELx = Logic 1)
Figure 8-1. TMUX722x Functional Block Diagram
8.3 Feature Description
8.3.1 Bidirectional Operation
The TMUX722x conducts equally well from source (Sx) to drain (D) or from drain (D) to source (Sx). Each
channel has very similar characteristics in both directions and supports both analog and digital signals.
8.3.2 Rail-to-Rail Operation
The valid signal path input and output voltage for TMUX722x ranges from VSS to VDD.
8.3.3 1.8 V Logic Compatible Inputs
The TMUX722x has 1.8 V logic compatible control for all logic control inputs. 1.8 V logic level inputs allows
the device to interface with processors that have lower logic I/O rails and eliminates the need for an external
translator, which saves both space and BOM cost. For more information on 1.8 V logic implementations, refer to
Simplifying Design with 1.8 V logic Muxes and Switches.
8.3.4 Integrated Pull-Down Resistor on Logic Pins
The TMUX722x have internal weak pull-down resistors to GND to ensure the logic pins are not left floating. The
value of this pull-down resistor is approximately 4 MΩ, but is clamped to about 1 µA at higher voltages. This
feature integrates up to four external components and reduces system size and cost.
8.3.5 Fail-Safe Logic
The TMUX722x supports Fail-Safe Logic on the control input pins (EN, SEL) allowing for operation up to 44
V above ground, regardless of the state of the supply pins. This feature allows voltages on the control pins
to be applied before the supply pin, protecting the device from potential damage. Fail-Safe Logic minimizes
system complexity by removing the need for power supply sequencing on the logic control pins. For example,
the Fail-Safe Logic feature allows the logic input pins of the TMUX722x to be ramped to +44 V while VDD and
VSS = 0 V. The logic control inputs are protected against positive faults of up to +44 V in powered-off condition,
but do not offer protection against negative overvoltage conditions.
www.ti.com
TMUX7221, TMUX7222
SCDS444 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX7221 TMUX7222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com