Electronic Components Datasheet Search
  English  ▼

X  

X9260 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # X9260
Description  Dual Supply/Low Power/256-Tap/SPI bus
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9260 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button X9260 Datasheet HTML 10Page - Renesas Technology Corp X9260 Datasheet HTML 11Page - Renesas Technology Corp X9260 Datasheet HTML 12Page - Renesas Technology Corp X9260 Datasheet HTML 13Page - Renesas Technology Corp X9260 Datasheet HTML 14Page - Renesas Technology Corp X9260 Datasheet HTML 15Page - Renesas Technology Corp X9260 Datasheet HTML 16Page - Renesas Technology Corp X9260 Datasheet HTML 17Page - Renesas Technology Corp X9260 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
14
FN8170.3
August 29, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ........................ -65 to +135°C
Storage temperature.............................. -65 to +150°C
Voltage on SCK, SCL or any address input
with respect to VSS ................................. -1V to +7V
Voltage on V+ (referenced to VSS) ........................ 10V
Voltage on V- (referenced to VSS) ........................-10V
(V+) - (V-)............................................................... 12V
Any VH/RH ..............................................................V+
Any VL/RL................................................................. V-
Lead temperature (soldering, 10 seconds) ...... +300°C
IW (10 seconds).................................................. ±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above
those listed in the operational sections of this
specification) is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0°C
+70°C
Industrial
-40°C
+85°C
Device
Supply Voltage (VCC)
(4) Limits
X9260
5V
10%
X9260-2.7
2.7V to 5.5V
V+
2.7V to 5.5V
V-
-2.5V to -5.5V
X9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com