Electronic Components Datasheet Search
  English  ▼

X  

X9261 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9261
Description  Single Supply/Low Power/256-Tap/SPI Bus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9261 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9261 Datasheet HTML 9Page - Renesas Technology Corp X9261 Datasheet HTML 10Page - Renesas Technology Corp X9261 Datasheet HTML 11Page - Renesas Technology Corp X9261 Datasheet HTML 12Page - Renesas Technology Corp X9261 Datasheet HTML 13Page - Renesas Technology Corp X9261 Datasheet HTML 14Page - Renesas Technology Corp X9261 Datasheet HTML 15Page - Renesas Technology Corp X9261 Datasheet HTML 16Page - Renesas Technology Corp X9261 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
FN8171.4
October 12, 2006
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP AND DOWN REQUIREMENTS
The are no restrictions on the power-up or power-down conditions of VCC and the voltages applied to the poten-
tiometer pins provided that VCC is always more positive than or equal to VH, VL, and VW, i.e., VCC  VH, VL, VW. The
VCC power-up timing spec is always in effect.
A.C. TEST CONDITIONS
Notes: (6) This parameter is not 100% tested
(7) tPUR and tPUW are the delays required from the time the (last) power supply (VCC-) is stable until the specific instruction can be issued.
These parameters are periodically sampled and not 100% tested.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
ICC1
VCC supply current
(active)
400
AfSCK = 2.5 MHz, SO = Open, VCC = 6V
Other Inputs = VSS
ICC2
VCC supply current
(nonvolatile write)
15
mA
fSCK = 2.5MHz, SO = Open, VCC = 6V
Other Inputs = VSS
ISB
VCC current (standby)
5
ASCK = SI = VSS, Addr. = VSS,
CS = VCC = 6V
ILI
Input leakage current
10
AV
IN = VSS to VCC
ILO
Output leakage current
10
AV
OUT = VSS to VCC
VIH
Input HIGH voltage
VCC x 0.7
VCC + 1
V
VIL
Input LOW voltage
-1
VCC x 0.3
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
VOH
Output HIGH voltage
VCC - 0.8
V
IOH = -1mA, VCC  +3V
VOH
Output HIGH voltage
VCC - 0.4
V
IOH = -0.4mA, VCC  +3V
Parameter
Min.
Units
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Symbol
Test
Max.
Units
Test Conditions
COUT
(6)
Output capacitance (SO)
8
pF
VOUT = 0V
CIN
(6)
Input capacitance (A0, A1, SI, CS, WP, HOLD, and SCK)
6
pF
VIN = 0V
Symbol
Parameter
Min.
Max.
Units
tr VCC
(6)
VCC Power-up rate
0.2
50
V/ms
tPUR
(7)
Power-up to initiation of read operation
1
ms
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x 0.5
X9261



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com