Electronic Components Datasheet Search
  English  ▼

X  

X9530 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X9530
Description  Temperature Compensated Laser Diode Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9530 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X9530 Datasheet HTML 9Page - Renesas Technology Corp X9530 Datasheet HTML 10Page - Renesas Technology Corp X9530 Datasheet HTML 11Page - Renesas Technology Corp X9530 Datasheet HTML 12Page - Renesas Technology Corp X9530 Datasheet HTML 13Page - Renesas Technology Corp X9530 Datasheet HTML 14Page - Renesas Technology Corp X9530 Datasheet HTML 15Page - Renesas Technology Corp X9530 Datasheet HTML 16Page - Renesas Technology Corp X9530 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
FN8211.1
November 11, 2005
D/A Converter 1 Access Summary
D/A Converter 2 Access Summary
The A/D converter is shared between the two current
generators but the look-up tables, D/A converters,
control bits, and selection bits can be set completely
independently.
Bits D1DAS and D2DAS are used to bypass the A/D
converter and look-up tables, allowing direct access to
the inputs of the D/A converters with the bytes in
control registers 4 and 5 respectively. See Figure 6,
and the descriptions of the control bits.
Bits I1DS and I2DS in Control Register 0 select the
direction of the currents through pins I1 and I2
independently See Figure 5, and the descriptions of
the control bits.
POWER-ON RESET
When power is applied to the Vcc pin of the X9530, the
device undergoes a strict sequence of events before
the current outputs of the D/A converters are enabled.
When the voltage at Vcc becomes larger than the
power-on reset threshold voltage (VPOR), the device
recalls all control bits from non-volatile memory into
volatile
registers. Next, the analog
circuits are
powered up. When the voltage at Vcc becomes larger
than a second voltage threshold (VADCOK), the ADC is
enabled. In the default case, after the ADC performs
four consecutive conversions with the same exact
result, the ADC output is used to select a byte from
each look-up table. Those bytes become the input of
the DACs. During all the previous sequence the input
of both DACs are 00h. If bit ADCfiltOff is “1”, only one
ADC conversion is necessary. Bits D1DAS, D2DAS,
L1DAS, and L2DAS, also modify the way the two
DACs are accessed the first time after power-up, as
described in “Control Register 5” on page 6.
The X9530 is a hot pluggable device. Voltage
distrubances on the Vcc pin are handled by the power-
on reset circuit, allowing proper operation during hot
plug-in applications.
SERIAL INTERFACE
Serial Interface Conventions
The device supports a bidirectional bus oriented
protocol. The protocol defines any device that sends
data onto the bus as a transmitter, and the receiving
device as the receiver. The device controlling the
transfer is called the master and the device being
controlled is called the slave. The master always
initiates data transfers, and provides the clock for both
transmit and receive operations. The X9530 operates
as a slave in all applications.
L1DAS
D1DAS
Control Source
0
0
A/D converter through LUT1
(Default)
1
0
Bits L1DA5 - L1DA0 through LUT1
X
1
Bits D1DA7 - D1DA0
“X” = Don’t Care Condition (May be either “1” or “0”)
L2DAS
D2DAS
Control Source
0
0
A/D converter through LUT2
(Default)
1
0
Bits L2DA5 - L2DA0 through LUT2
X
1
Bits D2DA7 - D2DA0
“X” = Don’t Care Condition (May be either “1” or “0”)
X9530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com